Electronic Components Datasheet Search
  English  ▼

X  

OPA688M Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA688M
Description  UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA688M Datasheet(HTML) 3 Page - Texas Instruments

  OPA688M Datasheet HTML 1Page - Texas Instruments OPA688M Datasheet HTML 2Page - Texas Instruments OPA688M Datasheet HTML 3Page - Texas Instruments OPA688M Datasheet HTML 4Page - Texas Instruments OPA688M Datasheet HTML 5Page - Texas Instruments OPA688M Datasheet HTML 6Page - Texas Instruments OPA688M Datasheet HTML 7Page - Texas Instruments OPA688M Datasheet HTML 8Page - Texas Instruments OPA688M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
OPA688M
UNITY GAINSTABLE WIDEBAND
VOLTAGE LIMITING AMPLIFIER
SGLS144B − APRIL 2003 − DECEMBER 2006
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC = ±5 V, VICM = 0 V, RL = 500 Ω, limiter pins open (unless otherwise
noted) (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC Performance (see Figure 1)
VO < 0.2 Vp-p,
G = +1,
RF = 25 Ω
450
Small signal bandwidth
VO < 0.2 Vp-p,
G = +2
215
MHz
Small signal bandwidth
VO < 0.2 Vp-p,
G = −1
215
MHz
Gain-bandwidth product (G
w 5)
VO < 0.2 Vp-p
250
MHz
Bandwidth for 0.1 dB gain flatness
VO = 0.2 V
30
MHz
Gain peaking
G = +1,
VO < 0.2 Vp-p,
RF = 25 Ω
11
dB
Large signal bandwidth
VO = 4 Vp-p,
VH = −VL = 2.5 V
145
MHz
Slew rate
4 V step,
VH = −VL = 2.5 V
1000
V/
µs
Rise and fall time
0.2 V step
1.9
ns
Settling time to 0.05%
2 V step
8
ns
Spurious free dynamic range
VO = 2 Vp-p,
f = 5 MHz
66
dB
Differential gain
RL = 500 Ω,
NTSC, PAL
0.02
%
Differential phase
RL = 500 Ω,
NTSC, PAL
0.01
°
Input noise, voltage noise density
f
w 1 MHz
6.3
nV/
√Hz
Input noise, current noise density
f
w 1 MHz
2
pA/
√Hz
DC Performance
Open-loop voltage gain (AVOL)
VO = ±0.5 V
TA = 25°C
46
52
dB
Open-loop voltage gain (AVOL)
VO = ±0.5 V
TA = Full range
43
dB
Input offset voltage (VIO)
TA = 25°C
±2
±8
mV
Input offset voltage (VIO)
TA = Full range
±11
mV
Input bias current (IIB) (See Note 2)
TA = 25°C
±6
±12
A
Input bias current (IIB) (See Note 2)
TA = Full range
±20
µA
Input offset current (IIO)
TA = 25°C
±0.3
±2
A
Input offset current (IIO)
TA = Full range
±4
µA
Input
Common-mode rejection ratio
VICM = ±0.5 V,
Input referred
TA = 25°C
50
57
dB
Common-mode rejection ratio
(CMRR)
VICM = ±0.5 V,
Input referred
TA = Full range
47
dB
Common-mode input voltage range
TA = 25°C
±3.2
±3.3
V
Common-mode input voltage range
(VICR) (See Note 3)
TA = Full range
±3.1
V
Input impedance, differential mode
0.4
1
M
Ω
pF
Input impedance, common mode
1
1
M
Ω
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com