Electronic Components Datasheet Search
  English  ▼

X  

OPA688M Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA688M
Description  UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA688M Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA688M Datasheet HTML 7Page - Texas Instruments OPA688M Datasheet HTML 8Page - Texas Instruments OPA688M Datasheet HTML 9Page - Texas Instruments OPA688M Datasheet HTML 10Page - Texas Instruments OPA688M Datasheet HTML 11Page - Texas Instruments OPA688M Datasheet HTML 12Page - Texas Instruments OPA688M Datasheet HTML 13Page - Texas Instruments OPA688M Datasheet HTML 14Page - Texas Instruments OPA688M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
OPA688M
UNITY GAINSTABLE WIDEBAND
VOLTAGE LIMITING AMPLIFIER
SGLS144B − APRIL 2003 − DECEMBER 2006
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 24
12
9
6
3
0
−3
−6
−9
−12
−15
−18
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V O = 0.2Vp−p
G = +1, R
C =
∞ , R
F = 25
Ω
G = +1, R
C = 175
Ω , R
F = 25
Ω
G = +2, R
C =
∞
G = +5, R
C =
∞
R
F
R
150
Ω
R
G
R C
V
O
V
IN
Figure 25
6
3
0
−3
−6
−9
−12
−15
−18
−21
−24
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V O = 0.2Vp−p
G =
− 5
G =
2
G =
− 2
G =
− 1
Figure 26
LARGE−SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
2.0Vp−p
≤ 0.2Vp−p
G = +2
12
9
6
3
0
−3
−6
−9
−12
−15
−18
Figure 27
V H AN D V L− L IM IT ED PU LS E R ESP O N S E
5. 0
4. 5
4. 0
3. 5
3. 0
2. 5
2. 0
1. 5
1. 0
0. 5
0
T i m e ( 20n s / di v )
V H =V CM +1 .2 V
V L =V CM −1 .2 V
V O
V O
V IN
V IN
V
CM =2 . 5 V
Figure 28
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
HARMONIC DISTORTION vs FREQUENCY
Frequency (Hz)
1M
10M
20M
V O = 2 Vp-p
R L = 500 Ω
HD2
HD3
Figure 29
HARMONIC DISTORTION NEAR LIMIT VOLTAGES
| Limit Voltages − 2.5V
DC |
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
V O = 2.5V ± 1Vp
f 1 = 5 MHz
R L = 500 Ω
HD2
HD3
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com