Electronic Components Datasheet Search
  English  ▼

X  

OPA688M Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA688M
Description  UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA688M Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA688M Datasheet HTML 8Page - Texas Instruments OPA688M Datasheet HTML 9Page - Texas Instruments OPA688M Datasheet HTML 10Page - Texas Instruments OPA688M Datasheet HTML 11Page - Texas Instruments OPA688M Datasheet HTML 12Page - Texas Instruments OPA688M Datasheet HTML 13Page - Texas Instruments OPA688M Datasheet HTML 14Page - Texas Instruments OPA688M Datasheet HTML 15Page - Texas Instruments OPA688M Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
OPA688M
UNITY GAINSTABLE WIDEBAND
VOLTAGE LIMITING AMPLIFIER
SGLS144B − APRIL 2003 − DECEMBER 2006
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
dual-supply, non-inverting amplifier
Figure 30 shows a non-inverting gain amplifier for dual-supply operation. This circuit was used for AC
characterization of the OPA688, with a 50-
Ω source, which it matches, and a 500-Ω load. The power-supply
bypass capacitors are shown explicitly in Figures 30 and 31, but will be assumed in the other figures. The limiter
voltages (VH and VL) and their bias currents (IVH and IVL) have the polarities shown.
single-supply, non-inverting amplifier
Figure 31 shows an AC-coupled, non-inverting gain amplifier for single +5V supply operation. This circuit was
used for AC characterization of the OPA688, with a 50W source, which it matches, and a 500-
Ω load. The
power-supply bypass capacitors are shown explicitly in Figures 30 and 31, but will be assumed in the other
figures. The limiter voltages (VH and VL) and their bias currents (IVH and IVL) have the polarities shown. Notice
that the single-supply circuit can use three resistors to set VH and VL, where the dual-supply circuit usually uses
four to reference the limit voltages to ground.
limited output, ADC input driver
Figure 32 shows a simple ADC (Analog-to-Digital Converter) driver that operates on a single supply, and gives
excellent distortion performance. The limit voltages track the input range of the converter, completely protecting
against input overdrive.
OPA688
49.9
Ω
6
I VH
V O
V IN
I VL
−V S =− 5V
3
2
4
7
8
5
R F
402
Ω
R G
402
Ω
500
Ω
0.1 ∝ F
0.1 ∝ F
0.1 ∝ F
174
Ω
3.01k
Ω
1.91k
Ω
3.01k
Ω
1.91k
Ω
0.1 ∝ F
V H = +2V
V L =− 2V
2.2
∝ F
2.2
∝ F
+V S = +5V
Figure 30. DC-Coupled, Dual Supply Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com