Electronic Components Datasheet Search
  English  ▼

X  

OPA688M Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA688M
Description  UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA688M Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA688M Datasheet HTML 9Page - Texas Instruments OPA688M Datasheet HTML 10Page - Texas Instruments OPA688M Datasheet HTML 11Page - Texas Instruments OPA688M Datasheet HTML 12Page - Texas Instruments OPA688M Datasheet HTML 13Page - Texas Instruments OPA688M Datasheet HTML 14Page - Texas Instruments OPA688M Datasheet HTML 15Page - Texas Instruments OPA688M Datasheet HTML 16Page - Texas Instruments OPA688M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
OPA688M
UNITY GAINSTABLE WIDEBAND
VOLTAGE LIMITING AMPLIFIER
SGLS144B − APRIL 2003 − DECEMBER 2006
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
OPA688
57.6
Ω
6
I VH
V H = 3.7V
V
O
V
L = 1.3V
V IN
I VL
806
Ω
3
2
4
7
8
5
806
Ω
523
Ω
976
Ω
523
Ω
R G
402
Ω
R F
402
Ω
500
Ω
0.1
∝ F
0.1
∝ F
0.1
∝ F
2.2
∝ F
0.1
∝ F
V S = +5V
0.1
∝ F
0.1
∝ F
Figure 31. AC-Coupled, Single Supply Amplifier
OP A 6 8 8
V S =+ 5 V
4
2
3
7
5
8
6
V S =+ 5 V
+3 . 5 V
+1 . 5 V
V IN
RE F B
RE F T
IN
0. 1
∝ F
10 0 p F
V H = + 3. 6V
V L =+ 1 . 4 V
0. 1
∝ F
0. 1
∝ F
0. 1
∝ F
40 2
Ω
24 . 9
Ω
562
Ω
102
Ω
40 2
Ω
71 5
Ω
71 5
Ω
10 2
Ω
56 2
Ω
AD S 8 2 2
10 −B i t
40 M S P S
10−B i t
Da t a
V S =+ 5 V
IN T / E X T
RS E L
+ V
S
GN D
Figure 32. Single Supply, Limiting ADC Input Driver
precision half wave rectifier
Figure 33 shows a half wave rectifier with outstanding precision and speed. VH (pin 8) will default to a voltage
between 3.1 and 3.8 V if left open, while the negative limit is set to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com