Electronic Components Datasheet Search
  English  ▼

X  

OPA688M Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA688M
Description  UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA688M Datasheet(HTML) 4 Page - Texas Instruments

  OPA688M Datasheet HTML 1Page - Texas Instruments OPA688M Datasheet HTML 2Page - Texas Instruments OPA688M Datasheet HTML 3Page - Texas Instruments OPA688M Datasheet HTML 4Page - Texas Instruments OPA688M Datasheet HTML 5Page - Texas Instruments OPA688M Datasheet HTML 6Page - Texas Instruments OPA688M Datasheet HTML 7Page - Texas Instruments OPA688M Datasheet HTML 8Page - Texas Instruments OPA688M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
OPA688M
UNITY GAINSTABLE WIDEBAND
VOLTAGE LIMITING AMPLIFIER
SGLS144B − APRIL 2003 − DECEMBER 2006
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC = ±5 V, VICM = 0 V, RL = 500 Ω, limiter pins open (unless otherwise
noted) (see Note 1) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output
Output voltage range (VOH, VOL)
VH = 4.3 V, VL = −4.3 V,
RL w 500 Ω
TA = 25°C
±3.9
±4.1
V
Output voltage range (VOH, VOL)
VH = 4.3 V, VL = −4.3 V,
RL w 500 Ω
TA = Full range
±3.7
V
Current output, sourcing (IOH)
VH = 4.3 V, VL = −4.3 V,
RL = 20 Ω
TA = 25°C
90
105
mA
Current output, sourcing (IOH)
VH = 4.3 V, VL = −4.3 V,
RL = 20 Ω
TA = Full range
80
mA
Current output, sinking (IOL)
VH = 4.3 V, VL = −4.3 V,
RL = 20 Ω
TA = 25°C
−70
−85
mA
Current output, sinking (IOL)
VH = 4.3 V, VL = −4.3 V,
RL = 20 Ω
TA = Full range
−60
mA
Closed-loop output impedance
G = +1, RF = 25 Ω, f < 100 kHz
0.2
Ω
Power Supply
Operating voltage (VCC)
±5
±6
V
Quiescent current (ICC)
TA = 25°C
14
15.8
17
mA
Quiescent current (ICC)
TA = Full range
11
20
mA
Power supply rejection ratio (PSRR)
Input referred,
VS =
±4.5 V to ±5.5 V
TA = 25°C
58
70
dB
Power supply rejection ratio (PSRR)
Input referred,
VS =
±4.5 V to ±5.5 V
TA = Full range
55
dB
Output Voltage Limiters (pins 5 and 8)
Default output limited voltage
Limiter pins open
TA = 25°C
±3
±3.3
V
Default output limited voltage
Limiter pins open
TA = Full range
±2.8
V
Limiter output offset voltage
(VO − VH) or (VO − VL)
TA = Full range
±15
±50
mV
Limiter input bias current magnitude
(See Note 4)
VO = 0 V
TA = 25°C
35
54
65
µA
Limiter input bias current magnitude
(See Note 4)
VO = 0 V
TA = Full range
31
70
µA
Limiter input impedance
2
1
M
Ω
pF
Limiter feedthrough (See Note 5)
f = 5 MHz
−60
dB
Maximum limiter voltage
±4.3
V
Minimum limiter voltage separation
400
mV
Op amp bias current shift
(See Note 2)
3
µA
Limiter small signal bandwidth
VI = ±2 V, VO < 0.02 Vp-p
450
MHz
Limter slew rate (See Note 6)
100
V/
µs
Limiter step response, overshoot
VI = ±2 V
250
mV
Limiter step response, recovery time
VI = ±2 V
2.4
ns
Linearity guardband (See Note 7)
VO = 2 Vp-p,
f = 5 MHz
30
mV
NOTES:
1. All typical limits are at TA = 25°C unless otherwise specified.
2. Current is considered positive out of node.
3. CMIR tested as < 3dB degradation from minimum CMRR at specified limits.
4. IVH (VH bias current) is positive, and IVL (VL bias current) is negative, under these conditions. See Note 3, Figure 30 and Figure 37.
5. Limiter feedthrough is the ratio of the output magnitude to the sinewave added to VH (or VL) when VIN = 0.
6. VH slew rate conditions are: VIN = +2 V, G = +2, VL = −2 V, VH = step between 2 V and 0 V. VL slew rate conditions are similar.
7. Linearity Guardband is defined for an output sinusoid (f = 5 MHz, VO = 0 VDC
±1 VP-P) centered between the limiter levels (VH and
VL). It is the difference between the limiter level and the peak output voltage where SFDR decreases by 3dB (see Figure 38).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com