Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 135 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 135 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 131Page - Microchip Technology LAN9252 Datasheet HTML 132Page - Microchip Technology LAN9252 Datasheet HTML 133Page - Microchip Technology LAN9252 Datasheet HTML 134Page - Microchip Technology LAN9252 Datasheet HTML 135Page - Microchip Technology LAN9252 Datasheet HTML 136Page - Microchip Technology LAN9252 Datasheet HTML 137Page - Microchip Technology LAN9252 Datasheet HTML 138Page - Microchip Technology LAN9252 Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 135
LAN9252
CRC[10] = CRC[2]
CRC[9] = CRC[1] ^ F0
CRC[8] = CRC[0] ^ F1
CRC[7] = F0 ^ F2
CRC[6] = F1 ^ F3
CRC[5] = F2 ^ F4
CRC[4] = F3 ^ F5
CRC[3] = F4 ^ F6
CRC[2] = F5 ^ F7
CRC[1] = F6
CRC[0] = F7
3.
Determine the offset pattern with offset 0 being the first byte of the destination address. Update the offset in the
Filter Pattern Offset field of the PHY x Wakeup Filter Configuration Register A (PHY_WUF_CFGA_x).
Determine Address Matching Conditions:
4.
Determine the address matching scheme based on Table 11-4 and update the Filter Broadcast Enable, Filter Any
Multicast Enable, and Address Match Enable bits of the PHY x Wakeup Filter Configuration Register A
(PHY_WUF_CFGA_x) accordingly.
5.
If necessary (see step 4), set the desired MAC address to cause the wake event in the PHY x MAC Receive
Address A Register (PHY_RX_ADDRA_x), PHY x MAC Receive Address B Register (PHY_RX_ADDRB_x), and
PHY x MAC Receive Address C Register (PHY_RX_ADDRC_x).
6.
Set the Filter Enable bit of the PHY x Wakeup Filter Configuration Register A (PHY_WUF_CFGA_x) to enable
the filter.
Enable Wakeup Frame Detection:
7.
Set the Wakeup Frame Enable (WUEN) bit of the PHY x Wakeup Control and Status Register (PHY_WUCSR_x)
to enable Wakeup Frame detection.
8.
Set bit 8 (WoL event indicator) in the PHY x Interrupt Mask Register (PHY_INTERRUPT_MASK_x) to enable
WoL events.
When a match is triggered, the Remote Wakeup Frame Received (WUFR) bit of the PHY x Wakeup Control and Status
Register (PHY_WUCSR_x) will be set. To provide additional visibility to software, the Filter Triggered bit of the PHY x
Wakeup Filter Configuration Register A (PHY_WUF_CFGA_x) will be set.
11.2.10
RESETS
In addition to the chip-level hardware reset (RST#), EtherCAT system reset, and Power-On Reset (POR), the PHY sup-
ports three block specific resets. These are discussed in the following sections. For detailed information on all device
resets and the reset sequence refer to Section 6.2, "Resets," on page 38.
11.2.10.1
PHY Software Reset via RESET_CTL
The PHYs can be reset via the Reset Control Register (RESET_CTL). These bits are self clearing after approximately
102 us. This reset does not reload the configuration strap values into the PHY registers.
11.2.10.2
PHY Software Reset via PHY_BASIC_CTRL_x
The PHY can also be reset by setting the Soft Reset (PHY_SRST) bit of the PHY x Basic Control Register (PHY_BA-
SIC_CONTROL_x). This bit is self clearing and will return to 0 after the reset is complete. This reset does not reload the
configuration strap values into the PHY registers.
Note:
Only a hardware reset (RST#), Power-On Reset (POR) or EtherCAT system reset will automatically reload
the configuration strap values into the PHY registers.
The Digital Reset (DIGITAL_RST) bit in the Reset Control Register (RESET_CTL) does not reset the
PHYs.
For all other PHY resets, PHY registers will need to be manually configured via software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com