Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 137 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 137 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 133Page - Microchip Technology LAN9252 Datasheet HTML 134Page - Microchip Technology LAN9252 Datasheet HTML 135Page - Microchip Technology LAN9252 Datasheet HTML 136Page - Microchip Technology LAN9252 Datasheet HTML 137Page - Microchip Technology LAN9252 Datasheet HTML 138Page - Microchip Technology LAN9252 Datasheet HTML 139Page - Microchip Technology LAN9252 Datasheet HTML 140Page - Microchip Technology LAN9252 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 137
LAN9252
The TDR operates by transmitting pulses on the selected twisted pair within the Ethernet cable (TX in MDI mode, RX
in MDIX mode). If the pair being tested is open or shorted, the resulting impedance discontinuity results in a reflected
signal that can be detected by the PHY. The PHY measures the time between the transmitted signal and received reflec-
tion and indicates the results in the TDR Channel Length field of the PHY x TDR Control/Status Register (PHY_TDR_-
CONTROL_STAT_x). The TDR Channel Length field indicates the “electrical” length of the cable, and can be multiplied
by the appropriate propagation constant in Table 11-5 to determine the approximate physical distance to the fault.
FIGURE 11-5:
TDR USAGE FLOW DIAGRAM
Note:
The TDR function is typically used when the link is inoperable. However, an active link will drop when oper-
ating the TDR.
Disable AMDIX and Force MDI (or MDIX)
Write PHY Reg 27: 0x8000 (MDI)
- OR -
Write PHY Reg 27: 0xA000 (MDIX)
TDR Channel Status Complete?
Disable ANEG and Force 100Mb Full-
Duplex
Write PHY Reg 0: 0x2100
Enable TDR
Write PHY Reg 25: 0x8000
NO
Reg 25.8 == 0
YES
Reg 25.8 == 1
Check TDR Control/Status Register
Read PHY Reg 25
Save:
TDR Channel Type (Reg 25.10:9)
TDR Channel Length (Reg 25.7:0)
MDIX Case Tested?
YES
Repeat Testing
in MDIX Mode
Done
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com