Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 138 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 138 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 134Page - Microchip Technology LAN9252 Datasheet HTML 135Page - Microchip Technology LAN9252 Datasheet HTML 136Page - Microchip Technology LAN9252 Datasheet HTML 137Page - Microchip Technology LAN9252 Datasheet HTML 138Page - Microchip Technology LAN9252 Datasheet HTML 139Page - Microchip Technology LAN9252 Datasheet HTML 140Page - Microchip Technology LAN9252 Datasheet HTML 141Page - Microchip Technology LAN9252 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 329 page
background image
LAN9252
DS00001909A-page 138
 2015 Microchip Technology Inc.
Since the TDR relies on the reflected signal of an improperly terminated cable, there are several factors that can affect
the accuracy of the physical length estimate. These include:
1.
Cable Type (CAT 5, CAT5e, CAT6):
The electrical length of each cable type is slightly different due to the twists-
per-meter of the internal signal pairs and differences in signal propagation speeds. If the cable type is known, the
length estimate can be calculated more accurately by using the propagation constant appropriate for the cable
type (see Table 11-5). In many real-world applications the cable type is unknown, or may be a mix of different
cable types and lengths. In this case, use the propagation constant for the “unknown” cable type.
2.
TX and RX Pair:
For each cable type, the EIA standards specify different twist rates (twists-per-meter) for each
signal pair within the Ethernet cable. This results in different measurements for the RX and TX pair.
3.
Actual Cable Length:
The difference between the estimated cable length and actual cable length grows as the
physical cable length increases, with the most accurate results at less than approximately 100 m.
4.
Open/Short Case:
The Open and Shorted cases will return different TDR Channel Length values (electrical
lengths) for the same physical distance to the fault. Compensation for this is achieved by using different propa-
gation constants to calculate the physical length of the cable.
For the Open case, the estimated distance to the fault can be calculated as follows:
Distance to Open fault in meters
TDR Channel Length * POPEN
Where: POPEN is the propagation constant selected from Table 11-5
For the Shorted case, the estimated distance to the fault can be calculated as follows:
Distance to Open fault in meters
 TDR Channel Length * PSHORT
Where: PSHORT is the propagation constant selected from Table 11-5
The typical cable length measurement margin of error for Open and Shorted cases is dependent on the selected cable
type and the distance of the open/short from the device. Table 11-6 and Table 11-7 detail the typical measurement error
for Open and Shorted cases, respectively.
TABLE 11-5:
TDR PROPAGATION CONSTANTS
TDR Propagation
Constant
Cable Type
Unknown
CAT 6
CAT 5E
CAT 5
POPEN
0.769
0.745
0.76
0.85
PSHORT
0.793
0.759
0.788
0.873
TABLE 11-6:
TYPICAL MEASUREMENT ERROR FOR OPEN CABLE (+/- METERS)
Physical Distance
to Fault
Selected Propagation Constant
POPEN =
Unknown
POPEN =
CAT 6
POPEN =
CAT 5E
POPEN =
CAT 5
CAT 6 Cable, 0-100 m
96
CAT 5E Cable, 0-100 m
5
5
CAT 5 Cable, 0-100 m
13
3
CAT 6 Cable, 101-160 m
14
6
CAT 5E Cable, 101-160 m
8
6
CAT 5 Cable, 101-160 m
20
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com