Electronic Components Datasheet Search
  English  ▼

X  

PCM1808 Datasheet(PDF) 19 Page - Texas Instruments

Part # PCM1808
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 15Page - Texas Instruments PCM1808 Datasheet HTML 16Page - Texas Instruments PCM1808 Datasheet HTML 17Page - Texas Instruments PCM1808 Datasheet HTML 18Page - Texas Instruments PCM1808 Datasheet HTML 19Page - Texas Instruments PCM1808 Datasheet HTML 20Page - Texas Instruments PCM1808 Datasheet HTML 21Page - Texas Instruments PCM1808 Datasheet HTML 22Page - Texas Instruments PCM1808 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
S0113-02
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
5 V
VINR
VINL
FMT
MD1
MD0
DOUT
BCK
VREF
AGND
VCC
VDD
DGND
SCKI
LRCK
+
C1(1)
+
C2(1)
C4(2)
3.3 V
C5(3)
PCM1808
+
C3(2)
+
4
µs (min)
Mask
X1(4)
PLL170x
DSP
or
Audio
Processor
L-ch IN
R-ch IN
High/Low
Pin
Setting
(5)
PCM1808-Q1
www.ti.com
SLES265A – MARCH 2011 – REVISED AUGUST 2012
APPLICATION INFORMATION
TYPICAL CIRCUIT CONNECTION DIAGRAM
Figure 26 is a typical circuit connection diagram. The antialiasing low-pass filters are integrated on the analog
inputs, VINL and VINR. If the performance of these filters is not adequate for an application, appropriate external
antialiasing filters are needed. A passive RC filter (100
Ω and 0.01 μF to 1 kΩ and 1000 pF) generally is used.
(1)
C1, C2: A 1-
μF electrolytic capacitor gives 2.7 Hz (τ = 1 μF × 60 kΩ) cutoff frequency for the input HPF in normal
operation and requires a power-on settling time with a 60-ms time constant in the power-on initialization period.
(2)
C3, C4: Bypass capacitors, 0.1-
μF ceramic and 10-μF electrolytic, depending on layout and power supply
(3)
C5: 0.1-
μF ceramic and 10-μF electrolytic capacitors are recommended.
(4)
X1: X1 masks the system clock input when using the clock-halt reset function with external control.
(5)
Optional external antialiasing filter could be required, depending on the application.
Figure 26. Typical Circuit Connection Diagram
BOARD DESIGN AND LAYOUT CONSIDERATIONS
VCC, VDD PINS
The digital and analog power supply lines to the PCM1808-Q1 should be bypassed to the corresponding ground
pins with both 0.1-
μF ceramic and 10-μF electrolytic capacitors as close to the pins as possible to maximize the
dynamic performance of the ADC.
AGND, DGND PINS
To maximize the dynamic performance of the PCM1808-Q1, the analog and digital grounds are not internally
connected. These grounds should have low impedance to avoid digital noise feedback into the analog ground.
They should be connected directly to each other under the PCM1808-Q1 package to reduce potential noise
problems.
VINL, VINR PINS
VINL and VINR are single-ended inputs. The antialias low-pass filters are integrated on these inputs to remove the
high-frequency noise outside the audio band. If the performance of these filters is not adequate for an
application, appropriate external antialiasing filters are required. A passive RC filter (100
Ω and 0.01 μF to 1 kΩ
and 1000 pF) is generally used.
Copyright © 2011–2012, Texas Instruments Incorporated
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com