| Electronic Components Datasheet Search |
|
PCM1808 Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM1808 Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 29 page ![]() PCM1808-Q1 SLES265A – MARCH 2011 – REVISED AUGUST 2012 www.ti.com SERIAL AUDIO DATA INTERFACE The PCM1808-Q1 interfaces the audio system through LRCK (pin 7), BCK (pin 8), and DOUT (pin 9). INTERFACE MODE The PCM1808-Q1 supports master mode and slave mode as interface modes, which are selected by MD1 (pin 11) and MD0 (pin 10), as shown in Table 2. MD1 and MD0 must be set prior to power on. In master mode, the PCM1808-Q1 provides the timing of serial audio data communications between the PCM1808-Q1 and the digital audio processor or external circuit. While in slave mode, the PCM1808-Q1 receives the timing for data transfer from an external controller. Table 2. Interface Modes MD1 (Pin 11) MD0 (Pin 10) INTERFACE MODE Low Low Slave mode (256 fS, 384 fS, 512 fS autodetection) Low High Master mode (512 fS) High Low Master mode (384 fS) High High Master mode (256 fS) Master mode In master mode, BCK and LRCK work as output pins, and these pins are controlled by timing which is generated in the clock circuit of the PCM1808-Q1. The frequency of BCK is fixed at 64 BCK/frame. Slave mode In slave mode, BCK and LRCK work as input pins. The PCM1808-Q1 accepts 64-BCK/frame or 48-BCK/frame format (only for a 384-fS system clock), not 32-BCK/frame format. DATA FORMAT The PCM1808-Q1 supports two audio data formats in both master and slave modes. The data formats are selected by FMT (pin 12), as shown in Table 3. Figure 21 illustrates the data formats in slave mode and master mode. Table 3. Data Format FORMAT NO. FMT (Pin 12) FORMAT 0 Low I2S, 24-bit 1 High Left-justified, 24-bit 14 Copyright © 2011–2012, Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |