Electronic Components Datasheet Search
  English  ▼

X  

ADPA1112 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA1112
Description  1GHz to 22GHz, 15W, GaN Power Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1112 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA1112 Datasheet HTML 2Page - Analog Devices ADPA1112 Datasheet HTML 3Page - Analog Devices ADPA1112 Datasheet HTML 4Page - Analog Devices ADPA1112 Datasheet HTML 5Page - Analog Devices ADPA1112 Datasheet HTML 6Page - Analog Devices ADPA1112 Datasheet HTML 7Page - Analog Devices ADPA1112 Datasheet HTML 8Page - Analog Devices ADPA1112 Datasheet HTML 9Page - Analog Devices ADPA1112 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Data Sheet
ADPA1112
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 6 of 21
Table 7. Absolute Maximum Ratings
Parameter
Rating
Bias Voltage
Drain (VDD1 and VDD2)
35V
Gate (VGG1)
−8.0V DC to 0V DC
Bias Current
Gate Current (IGG1) at 85°C
7.2mA (see Figure 51)
RF Input Power (RFIN)
33 dBm
Continuous Power Dissipation (PDISS),
TCASE = 85°C, Derate 407mW/°C Above 85°C
56.9W
Temperature
Nominal Peak Channel, TCASE = 85°C,
PIN = 28dBm, PDISS = 50.0W at 20GHz
208.0°C
Storage Range
−55°C to +150°C
Operating Range
−40°C to +85°C
Maximum Channel
225°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the channel to case thermal resistance where the case is the
bottom of the package base.
Table 8. Thermal Resistance
Package Type
θJC1
Unit
EJ-14-1
2.46
°C/W
1 θJC was determined by simulation under the following conditions: the heat
transfer is due solely to thermal conduction from the channel through the
package base to the heatsink. The bottom of the package base is held
constant at the operating temperature of 85°C.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD
sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADPA1112
Table 9. ADPA1112, 14-Lead LDCC
ESD Model
Withstand Threshold (V)
Class
HBM
±500
1B
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com