Electronic Components Datasheet Search
  English  ▼

X  

ADPA1112 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPA1112
Description  1GHz to 22GHz, 15W, GaN Power Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1112 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPA1112 Datasheet HTML 13Page - Analog Devices ADPA1112 Datasheet HTML 14Page - Analog Devices ADPA1112 Datasheet HTML 15Page - Analog Devices ADPA1112 Datasheet HTML 16Page - Analog Devices ADPA1112 Datasheet HTML 17Page - Analog Devices ADPA1112 Datasheet HTML 18Page - Analog Devices ADPA1112 Datasheet HTML 19Page - Analog Devices ADPA1112 Datasheet HTML 20Page - Analog Devices ADPA1112 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Data Sheet
ADPA1112
THEORY OF OPERATION
analog.com
Rev. 0 | 18 of 21
The ADPA1112 is a GaN power amplifier with cascaded gain stages
that are biased by a positive drain supply (VDD1 and VDD2) and an
externally applied negative gate voltage (VGG1). A nominal 28V is
applied to the first and second stage drains (VDD1 and VDD2) and
a negative voltage is applied to VGG1 to set the total IDQ to 600mA
nominal.
When biased as described, the ADPA1112 operates in Class AB,
resulting in the maximum PAE at saturation. The ADPA1112 fea-
tures integrated RF chokes for each drain plus on-chip DC blocking
of the RFIN and RFOUT ports.
A portion of the RF output signal is directionally coupled to a diode
for detection of the RF POUT. When the diode is DC biased, the
diode rectifies the coupled RF power and makes it available for
measurement as a DC voltage at VDET. To allow temperature com-
pensation of VDET, an identical and symmetrically located circuit
without the coupled RF power is available through VREF. Taking
the difference of VREF − VDET provides a temperature-compensated
signal that is proportional to the RF output.
Figure 58. Basic Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com