Electronic Components Datasheet Search
  English  ▼

X  

ADPA1112 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPA1112
Description  1GHz to 22GHz, 15W, GaN Power Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1112 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPA1112 Datasheet HTML 3Page - Analog Devices ADPA1112 Datasheet HTML 4Page - Analog Devices ADPA1112 Datasheet HTML 5Page - Analog Devices ADPA1112 Datasheet HTML 6Page - Analog Devices ADPA1112 Datasheet HTML 7Page - Analog Devices ADPA1112 Datasheet HTML 8Page - Analog Devices ADPA1112 Datasheet HTML 9Page - Analog Devices ADPA1112 Datasheet HTML 10Page - Analog Devices ADPA1112 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
ADPA1112
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 21
Figure 2. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 6
NIC
No Internal Connection. The NIC pins are not connected internally. For normal operation, connect the NIC pins to ground.
3, 5, 10, 12
GND
Ground. The GND pins must be connected to the RF and the DC ground. See Figure 3 for the interface schematic.
4
RFIN
RF Input. The RFIN pin is AC-coupled and matched to 50Ω. See Figure 4 for the interface schematic.
7
VGG1
Gate Bias for the First and Second Gain Stages. Adjust the negative voltage on the VGG1 pin to set IDQ to the desired level. See
Figure 8 for the interface schematic.
8
VDD1
Drain Bias for the First Gain Stage. Capacitively bypass as shown in the typical application circuit (see Figure 59). See Figure 7 for
the interface schematic.
9
VDET
Detector Diode to Measure the RF Output Power. Used in combination with the VREF pin. The difference in voltage (VREF voltage
(VREF) − VDET voltage (VDET)) is a temperature compensated DC voltage that is proportional to the RF POUT. Connect a 40.2kΩ
resistor between the VDET pin and 5V to provide the DC bias. See Figure 5 for the interface schematic.
11
RFOUT
RF Output. The RFOUT pin is AC-coupled and matched to 50Ω. See Figure 5 for the interface schematic.
13
VREF
Reference Diode for Temperature Compensation of the VDET RF POUT Measurements. Connect a 40.2kΩ resistor between the VREF
pin and 5V to provide DC bias. See Figure 6 for the interface schematic.
14
VDD2
Drain Bias for the Second Gain Stage. Capacitively bypass as shown in the typical application circuit (see Figure 59). See Figure 5 for
the interface schematic.
Package Base
GND
The package base must be connected to the RF and the DC ground. See Figure 3 for the interface schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com