Electronic Components Datasheet Search
  English  ▼

X  

ADPA1112 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA1112
Description  1GHz to 22GHz, 15W, GaN Power Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1112 Datasheet(HTML) 3 Page - Analog Devices

  ADPA1112 Datasheet HTML 1Page - Analog Devices ADPA1112 Datasheet HTML 2Page - Analog Devices ADPA1112 Datasheet HTML 3Page - Analog Devices ADPA1112 Datasheet HTML 4Page - Analog Devices ADPA1112 Datasheet HTML 5Page - Analog Devices ADPA1112 Datasheet HTML 6Page - Analog Devices ADPA1112 Datasheet HTML 7Page - Analog Devices ADPA1112 Datasheet HTML 8Page - Analog Devices ADPA1112 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
ADPA1112
ELECTRICAL SPECIFICATIONS
analog.com
Rev. 0 | 3 of 21
1GH
z TO 2GHz FREQUENCY RANGE
TCASE = 25°C, VDD1 drain bias voltage (VDD1) and VDD2 drain bias voltage (VDD2) = 28V, target quiescent current (IDQ) = 600mA, and
frequency range = 1GHz to 2GHz, unless otherwise stated.
Table 1. 1GHz to 2GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
1
2
GHz
GAIN
Small Signal Gain (S21)
23.0
dB
Gain Flatness
±1.34
dB
Gain Variation over Temperature
0.03
dB/°C
RETURN LOSS
Input (S11)
10
dB
Output (S22)
7.5
dB
POWER
PIN = 28.0dBm
POUT
41.5
dBm
Gain
13.5
dB
Power Added Efficiency (PAE)
36
%
Output Third-Order Intercept (OIP3)
46
dBm
POUT per tone = 32.0dBm with 1MHz spacing
Output Second-Order Intercept (OIP2)
45
dBm
POUT per tone = 32.0dBm with 1MHz spacing
SUPPLY
VDD
28
30
V
IDQ
600
mA
Adjust the gate control voltage (VGG1) between −3V and −1V to achieve an IDQ =
600mA typical
2GH
z TO 8GHz FREQUENCY RANGE
TCASE = 25°C, VDD1 = VDD2 = 28V, IDQ = 600mA, and frequency range = 2GHz to 8GHz, unless otherwise stated.
Table 2. 2GHz to 8GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
2
8
GHz
GAIN
S21
17
21.0
dB
Gain Flatness
±1.12
dB
Gain Variation over Temperature
0.03
dB/°C
RETURN LOSS
S11
14
dB
S22
10
dB
POWER
PIN = 28.0dBm
POUT
39.5
41.5
dBm
Gain
11.5
13.5
dB
PAE
26
%
OIP3
45
dBm
POUT per tone = 32.0dBm with 1MHz spacing
OIP2
52
dBm
POUT per tone = 32.0dBm with 1MHz spacing
SUPPLY
VDD
28
30
V
IDQ
600
mA
Adjust VGG1 between −3V and −1V to achieve an IDQ = 600mA typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com