Electronic Components Datasheet Search
  English  ▼

X  

ADPA1112 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPA1112
Description  1GHz to 22GHz, 15W, GaN Power Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1112 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPA1112 Datasheet HTML 13Page - Analog Devices ADPA1112 Datasheet HTML 14Page - Analog Devices ADPA1112 Datasheet HTML 15Page - Analog Devices ADPA1112 Datasheet HTML 16Page - Analog Devices ADPA1112 Datasheet HTML 17Page - Analog Devices ADPA1112 Datasheet HTML 18Page - Analog Devices ADPA1112 Datasheet HTML 19Page - Analog Devices ADPA1112 Datasheet HTML 20Page - Analog Devices ADPA1112 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Data Sheet
ADPA1112
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 19 of 21
BASIC CONNECTIONS
The basic connections to operate the ADPA1112 are shown in
Figure 59. Decouple the VDD1, VDD2, and VGG1 pins as shown
in Figure 59. The gate voltage for all stages (−3.0 V to −1.0 V for
biased operation and −4.0 V for pinch off) is applied to the VGG1
pin. A VDD of 28 V nominal is applied to the VDD1 and VDD2
pins. Pin 1, Pin 2, and Pin 6 are designated as NIC pins. Although
these NIC pins are not internally connected, the NIC pins were all
connected to ground during the characterization of the device.
To turn on the ADPA1112, take the following steps:
1. Connect the power supply grounds to GND.
2. Set VGG1 to −4V.
3. Set VDD1 and VDD2 to 28V.
4. Adjust VGG1 more positive to achieve an IDQ of 600mA, approxi-
mately −2V.
5. Apply to the RF signal.
To turn off the ADPA1112, take the following steps:
1. Turn off the RF signal.
2. Set VGG1 to −4V to achieve an IDQ of 0mA.
3. Set the voltage on VDD1 and VDD2 to 0V.
4. Increase VGG1 to 0V.
SOLDERING AND ASSEMBLY
CONSIDERATIONS
The ADPA1112 is a nonhermetic air cavity device. The body of the
package normally sits within a cutout in the PCB that allows direct
access to a heatsink beneath the PCB. To facilitate good thermal
and electrical conduction to the heatsink, a shim of electrically and
thermally conductive material, such as Heat-Spring indium from
Indium Corporation, can be used. (Alternatively, electrically and
thermally conductive paste or grease can be used). The shim is
placed between the heatsink and the bottom of the package base.
Then, the package can be attached to the heatsink using screws
(typically). Once attached with the screw hardware, the pins must
be flush with the PCB, which allows the leads to be soldered to the
PCB pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com