Electronic Components Datasheet Search
  English  ▼

X  

MP6005 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP6005 Datasheet HTML 11Page - Monolithic Power Systems MP6005 Datasheet HTML 12Page - Monolithic Power Systems MP6005 Datasheet HTML 13Page - Monolithic Power Systems MP6005 Datasheet HTML 14Page - Monolithic Power Systems MP6005 Datasheet HTML 15Page - Monolithic Power Systems MP6005 Datasheet HTML 16Page - Monolithic Power Systems MP6005 Datasheet HTML 17Page - Monolithic Power Systems MP6005 Datasheet HTML 18Page - Monolithic Power Systems MP6005 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
15
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
Start-Up and Power Supply
The MP6005 features an 80V internal start-up
circuit. When the input voltage (VIN) exceeds
5.5V, the VCC
pin’s capacitor is charged by the
internal LDO regulator (LDO). Typically, if VIN
exceeds 10V, the
VCC’s pin voltage (VCC) is
regulated at 8.5V and VCC under-voltage
lockout (UVLO) is 5.7V. Aside from VCC UVLO,
the MP6005 also has EN UVLO (typically 2V).
When VCC exceeds the 5.7V UVLO threshold
and the EN pin is pulled high, the part begins
operating.
After the MP6005 turns on, the VCC pin can be
powered by the auxiliary winding transformer to
reduce IC power loss. The auxiliary power must
be greater than VCC regulation (8.5V) to
override the internal LDO. The internal reverse-
blocking circuit allows VCC to exceed VIN if VCC
has bias power. VCC should be below 16V due
to the pin
’s voltage rating.
If VIN is below 8.5V and VCC is not regulated at
8.5V, the internal high-voltage VCC LDO has a
voltage drop of about 1.5V. This allows the
MP6005 to work when VIN is as low as 8V.
Enable (EN) Control
The EN pin is the on/off control for the MP6005.
When
the EN pin’s voltage (VEN) exceeds 1V,
the MP6005
’s micro-power mode allows the
device to turn on some of the internal circuits. If
VEN exceeds the turn-on threshold (2V), all
functions are turned on and the GATE/SYNC
driver signal starts up. The GATE/SYNC signal
can be disabled if VEN drops to about 1.8V.
Micro-power mode is only disabled after VEN
drops below 0.4V. After shutdown, the MP6005
sinks a current below 1µA from the input power
supply.
EN can program the VIN
pin’s start-up voltage
through
a
resistor
divider.
The
maximum
recommended voltage for EN is 6.5V. If
EN’s
divider
voltage
exceeds
6.5V,
it
is
recommended to use a divider resistor to limit
the current going into EN. One internal Zener
diode on EN clamps VEN when the divider
voltage exceeds 6.5V. Ensure the clamped
Zener diode current into EN is below 0.4mA
with an external pull-up resistor.
Work Mode Detection
After turning on, the MP6005 produces a 40µA
output current to the MODE pin to detect the
resistor setting. If the MODE pin
’s voltage
(VMODE) exceeds 2.2V, the MP6005 works in
primary-side regulation (PSR) mode, and the
internal error amplifier (EA) turns on. If MODE
is connected to GND through a resistor.
the MP6005 works in secondary-side regulation
(SSR) mode and the internal EA turns off while
COMP is pulled up to the internal 5V power
source through a 10k
Ω resistor. Table 1 shows
MODE program options.
Table 1: MODE Program Options
MODE to GND
Resistance
(kΩ)
Work
Mode
Dead Time
(ns)
Min
Typ
(1%)
Max
0
0
3.3
SSR
100
7.32
7.5
8.2
SSR
150
16
16.9
18.7
SSR
200
32.4
32.4
33
SSR
300
64.9
Float
Float
PSR
150
In PSR
mode, the output voltage (VOUT)
feedback signal is detected by auxiliary winding
from the FB pin. Under light-load conditions, the
MP6005 reduces the frequency accordingly.
Under
no-load
conditions,
the
frequency
remains above 30kHz. In SSR mode, the VOUT
feedback signal is detected by the COMP pin,
and the MP6005 maintains a fixed frequency.
The peak current is regulated by the COMP
pin’s voltage (VCOMP) until the MP6005’s power-
save mode (PSM) is triggered.
Once the MP6005 turns on, there is a 500µs
period before the device starts switching. The
MODE
pin,
dead
time,
dither,
and
VOUT
compensation are detected during this period.
The MODE pin determines the PSR and SSR
modes. It also programs the dead time between
the GATE and SYNC pins. Table 1 shows the
programming options.
The MODE detection current lasts about 200µs.
Typically, a resistor from MODE to GND is
sufficient. A capacitor from MODE to GND may
be required for filtering in a noisy environment.
This capacitor must be below 100pF to allow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com