Electronic Components Datasheet Search
  English  ▼

X  

MP6005 Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP6005 Datasheet HTML 19Page - Monolithic Power Systems MP6005 Datasheet HTML 20Page - Monolithic Power Systems MP6005 Datasheet HTML 21Page - Monolithic Power Systems MP6005 Datasheet HTML 22Page - Monolithic Power Systems MP6005 Datasheet HTML 23Page - Monolithic Power Systems MP6005 Datasheet HTML 24Page - Monolithic Power Systems MP6005 Datasheet HTML 25Page - Monolithic Power Systems MP6005 Datasheet HTML 26Page - Monolithic Power Systems MP6005 Datasheet HTML 27Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
23
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Where LK is the leakage inductance, and IPEAK is
the peak switching current.
Since RSN consumes the leakage inductance
power
loss,
RSN
can
be
calculated
with
Equation (14):
SN
2
SN
SN
P
V
=
R
(14)
Where VSN is the expected snubber voltage on
CSN.
The snubber capacitor (CSN) achieves an
appropriate voltage ripple on the snubber,
which can be calculated with Equation (15):
SW
SN
SN
SN
SN
f
x
C
x
R
V
=
ΔV
(15)
A 15% ripple is acceptable for most applications.
Selecting an Output Diode for Flyback
Applications
The flyback output rectifier diode supplies
current to the output capacitor when the
primary-side MOSFET is turned off. Use a
Schottky diode to reduce power loss due to the
diode
’s forward voltage and recovery time. The
diode should have a reverse voltage 1.5 times
greater than VDIODE, which can be calculated
with Equation (16):
IN
DIODE
OUT
V
VV
N

(16)
The average current rating must exceed the
maximum expected load current, and the peak
current rating must exceed the output winding
peak current.
It is recommended to use an RC snubber circuit
for the output diode.
Selecting
a
Transformer
for
Forward
Applications
The forward transformer transfers energy to the
output.
The
forward
transformer
’s
key
parameters are the winding ratio, primary
winding turns, current rating, and core selection.
The transformer winding ratio determines the
duty cycle, which can be calculated with
Equation (17):
OUT
IN
V
N
D=
V
(17)
Where N is the transformer primary winding to
output winding ratio.
A 45% duty cycle is recommended for most
applications.
When the power MOSFET turns on, the
transformer transfers energy to the output,
while VIN generates a primary-side inductance
current in the transformer. The transformer
requires enough primary winding to avoid
saturation. The primary-side inductance peak
current can be calculated with Equation (18):
SW
P
OUT
EXC
f
x
L
x
2
N
x
V
=
I
(18)
Where IEXC is the primary-side inductance peak
current, and LP is the primary inductance.
Using IEXC to calculate the primary winding and
enough margins is needed for some extreme
conditions, such as load transient or OCP.
The current rating depends on the maximum
RMS
current,
which
flows
through
each
winding.
A
controlled
current
density
is
necessary to avoid high resistive power loss.
Selecting a SYNC MOSFET for Forward
Applications
The MP6005 supports active clamp forward
applications. The active P-channel MOSFET
clamp should be equal to the main power
MOSFET
’s maximum voltage, and its maximum
current
should
exceed
the
primary-side
inductance peak current and RMS current.
Selecting an Output MOSFET for Forward
Applications
The forward output requires two diodes to
conduct current. If higher efficiency is required,
the MOSFETs can replace the diodes (see
Figure 11).
VOUT
COUT
QF
NS
QR
L
Figure 11: Forward Output MOSFET
The MOSFET voltage rating should exceed the
VDS maximum. The QR maximum VDS voltage
(VR) can be calculated with Equation (19):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com