Electronic Components Datasheet Search
  English  ▼

X  

VS6724 Datasheet(PDF) 68 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 64Page - STMicroelectronics VS6724 Datasheet HTML 65Page - STMicroelectronics VS6724 Datasheet HTML 66Page - STMicroelectronics VS6724 Datasheet HTML 67Page - STMicroelectronics VS6724 Datasheet HTML 68Page - STMicroelectronics VS6724 Datasheet HTML 69Page - STMicroelectronics VS6724 Datasheet HTML 70Page - STMicroelectronics VS6724 Datasheet HTML 71Page - STMicroelectronics VS6724 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 118 page
background image
Programming model and register description
VS6724
68/118
Video timing control
Frame dimension parameter host inputs
Table 21.
Video timing control
Index
VideoTimingControl(1)
0x0880
bSysClkMode
Default value
0x00
Purpose
User selection between using default system clock frequency or
selecting this frequency manually
Type
CODED
Possible values
<0>Normal - Default PLL frequency
<1>user - Manual selection of PLL frequency
0x0883(MSByte)
0x0884(LSByte)
bfpUserPLLClk
Default value
0x00
Purpose
User selectable system clock frequency
Type
FLOAT - number of MHz
Possible values
Minimum = 6
Maximum = 270 (Max required for 30fps)
1.
Must be controlled in STOP state
Table 22.
Frame dimension parameter host inputs
Index
FrameDimensionParameterHostInputs(1)
0x0b80
bLightingFrequencyHz
Default value
0x64
Purpose
AC Frequency - used for flicker free time period calculations this mains
frequency determines the flicker free time period.
Type
BYTE
0x0b82
fFlickerCompatibleFrameLength
Default value
<0> FALSE
Purpose
flicker_compatible_frame_length
Type
Flag_e
Possible values
<0> FALSE
<1> TRUE
1.
Can be controlled in all stable states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com