Electronic Components Datasheet Search
  English  ▼

X  

VS6724 Datasheet(PDF) 70 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 66Page - STMicroelectronics VS6724 Datasheet HTML 67Page - STMicroelectronics VS6724 Datasheet HTML 68Page - STMicroelectronics VS6724 Datasheet HTML 69Page - STMicroelectronics VS6724 Datasheet HTML 70Page - STMicroelectronics VS6724 Datasheet HTML 71Page - STMicroelectronics VS6724 Datasheet HTML 72Page - STMicroelectronics VS6724 Datasheet HTML 73Page - STMicroelectronics VS6724 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 118 page
background image
Programming model and register description
VS6724
70/118
Automatic frame rate control
Table 25.
Automatic frame rate control
Index
AutomaticFrameRateControl(1)
0x0d80
bFrameRateMode
Default value
0x00
Purpose
Defines the mode in which the framerate of the system would work
Type
Possible values
<0> Manual - the system uses the values programmed into the
StaticFrameRateControl registers
<1> Auto - the system automatically adjusts the framerate between the
bUserMinimumFrameRate_Hz and bUserMinimumFrameRate_Hz.
0x0d82
bImpliedGainThresholdLow_num
Default value
0x02
Purpose
Numerator for calculation of low threshold of autoframerate control
Type
BYTE
0x0d84
bImpliedGainThresholdLow_den
Default value
0x02
Purpose
Denominator for calculation of low threshold of autoframerate control.
Type
BYTE
0x0d86
bImpliedGainThresholdHigh_num
Default value
0x02
Purpose
Numerator for calculation of High threshold of autoframerate control
Type
BYTE
0x0d88
bImpliedGainThresholdHigh_Den
Default value
0x02
Purpose
Denominator for calculation of high threshold of autoframerate control
Type
BYTE
0x0d8a
bUserMinimumFrameRate_Hz
Default value
0x02
Purpose
Sets the minimum framerate employed when in automatic framerate
mode.
Type
BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com