Electronic Components Datasheet Search
  English  ▼

X  

VS6724 Datasheet(PDF) 38 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 34Page - STMicroelectronics VS6724 Datasheet HTML 35Page - STMicroelectronics VS6724 Datasheet HTML 36Page - STMicroelectronics VS6724 Datasheet HTML 37Page - STMicroelectronics VS6724 Datasheet HTML 38Page - STMicroelectronics VS6724 Datasheet HTML 39Page - STMicroelectronics VS6724 Datasheet HTML 40Page - STMicroelectronics VS6724 Datasheet HTML 41Page - STMicroelectronics VS6724 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 118 page
background image
Functional description
VS6724
38/118
Figure 23.
QCLK options
The YCbCr, RGB and Bayer timings are represented on
Figure 24, with the associated
qualifying PCLK clock. The output clock rate is effectively halved for the Bayer 8-bit and
YCbCr4:0:0 modes where only one byte of output data is required per pixel.
Figure 24. Qualification clock
In practice the user is likely to require to write some additional setup information prior to
receive the required data output.
D0
D1
D2
data
Negative edge
PCLK
Negative edge
Positive edge
Positive edge
None-active
level - Low
None-active
level - High
Yn
Cbn,n+1
Yn+1
Crn,n+1
YCbCr
Data[7:0]
Data[7:0]
RGB565
Cbn+2,n+3
RGB444
Pix0_lsb
Pix0_msb
Pix1_lsb
Pix1_msb
Pix2_lsb
Data[7:0]
Bayer 10-Bit
Pix0_lsb
Pix0_msb
Pix1_lsb
Pix1_msb
Pix2_lsb
Data[7:0]
Bayer 8-Bit
Pix0
Pix1
Pix2
Data[7:0]
YCbCr 4:0:0
Pix0
Pix1
Pix2
16-bit data output formats - 2 bytes per pixel
8-bit data output formats- 1 byte per pixel
PCLK
PCLK
PCLK
PCLK
PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com