Electronic Components Datasheet Search
  English  ▼

X  

VS6724 Datasheet(PDF) 50 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 46Page - STMicroelectronics VS6724 Datasheet HTML 47Page - STMicroelectronics VS6724 Datasheet HTML 48Page - STMicroelectronics VS6724 Datasheet HTML 49Page - STMicroelectronics VS6724 Datasheet HTML 50Page - STMicroelectronics VS6724 Datasheet HTML 51Page - STMicroelectronics VS6724 Datasheet HTML 52Page - STMicroelectronics VS6724 Datasheet HTML 53Page - STMicroelectronics VS6724 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 118 page
background image
Programming model and register description
VS6724
50/118
4
Programming model and register description
4.1
Programming model
The VS6724 addressable register/memory space is configured as shown below. It consists
of four principal areas each of which provides a different function:
User Interface: this area starting from address zero provides the user interface. Register
reads and writes to this block are passed through the internal micro and processed. All
operational control of the device by the host should be performed through these user
interface locations.Many of these registers are detailed in
Section 4.2: Register description.
Registers not listed in this datasheet should be considered as reserved or read-only and
should NOT be written to, as this may cause unpredictable results.
Hardware registers: provides direct access to hardware registers associated with each
functional block of the device. In normal operation, these registers will be accessed under
the control of the micro. i.e. they should never be accessed by the host system. However,
they may be directly accessed by the host for debug and test purposes.
XDATA RAM: provides temporary variable storage for the on-board micro.
Patch RAM: provides memory space to download firmware patches and modify device
operation. This provides a software update mechanism without the need for a new program
ROM.
Figure 39.
System / Host view of VS6724 memory
0000
FFFF
8000
C000
D800
8FFF
9000
9FFF
USER INTERFACE
4K MCU XDATA RAM
4K MCU PATCH RAM
HARDWARE REGISTERS
User Interface
Hardware Registers
XDATA/Patch RAM
Blank space
LEGEND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com