Electronic Components Datasheet Search
  English  ▼

X  

VS6724 Datasheet(PDF) 77 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 73Page - STMicroelectronics VS6724 Datasheet HTML 74Page - STMicroelectronics VS6724 Datasheet HTML 75Page - STMicroelectronics VS6724 Datasheet HTML 76Page - STMicroelectronics VS6724 Datasheet HTML 77Page - STMicroelectronics VS6724 Datasheet HTML 78Page - STMicroelectronics VS6724 Datasheet HTML 79Page - STMicroelectronics VS6724 Datasheet HTML 80Page - STMicroelectronics VS6724 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 118 page
background image
VS6724
Programming model and register description
77/118
0x1384
bManualGreenGain
Default value
0x00
Purpose
User setting for Green Channel gain
Type
BYTE
possible values
0 to 255
Applied_Green_Gain = (1 + bManualGreenGain / 128) / MinGain
Where MinGain = the smallest value from either Applied_Red_Gain,
Applied_Green_Gain or Applied_Blue_Gain
0x1386
bManualBlueGain
Default value
0x00
Purpose
User setting for Blue Channel gain
Type
BYTE
possible values
0 to 255
Applied_Blue_Gain = (1 + bManualBlueGain / 128) / MinGain
Where MinGain = the smallest value from either Applied_Red_Gain,
Applied_Green_Gain or Applied_Blue_Gain
0x1388
bMiscSettings
Default value
0x00
Purpose
Bit [2] fFreezeWhiteBalance
Type
BYTE
possible values
0x00 - Normal
0x04 - Freeze white balance
0x138b (MSByte)
0x138c(LSByte)
fpFlashRedGain
Default value
0x3e80 (1.250)
Purpose
When FLASHGUN_PRESET is selected in bWhiteBalanceMode the
fpFlashRedGain is used.
Type
FLOAT
0x138f (MSByte)
0x1390(LSByte)
fpFlashGreenGain
Default value
0x3e00 (1.000)
Purpose
When FLASHGUN_PRESET is selected in bWhiteBalanceMode the
fpFlashGreenGain is used.
Type
FLOAT
Table 29.
White balance control (continued)
Index
WBControlParameters(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com