Electronic Components Datasheet Search
  English  ▼

X  

VS6724 Datasheet(PDF) 71 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 67Page - STMicroelectronics VS6724 Datasheet HTML 68Page - STMicroelectronics VS6724 Datasheet HTML 69Page - STMicroelectronics VS6724 Datasheet HTML 70Page - STMicroelectronics VS6724 Datasheet HTML 71Page - STMicroelectronics VS6724 Datasheet HTML 72Page - STMicroelectronics VS6724 Datasheet HTML 73Page - STMicroelectronics VS6724 Datasheet HTML 74Page - STMicroelectronics VS6724 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 118 page
background image
VS6724
Programming model and register description
71/118
Exposure controls
0x0d8c
bUserMinimumFrameRate_Hz
Default value
0x1e
Purpose
Sets the maximum framerate employed when in automatic framerate
mode.
Type
BYTE
0x0d8e
bRelativeChange_num
Default value
0x02
Purpose
Numerator for calculation of relative change in framerate.
Type
BYTE
0x0d90
bRelativeChange_den
Default value
0x02
Purpose
Denominator for calculation of relative change in framerate
Type
BYTE
0x0e01
0x0e02
fpImpliedGain (read only)
Purpose
Displays the present value of implied gain
Type
FLOAT
1.
Can be controlled in all stable states
Table 25.
Automatic frame rate control (continued)
Index
AutomaticFrameRateControl(1)
Table 26.
Exposure controls
Index
ExposureControls(1)
0x1080
bMode
Default value
<0> AUTOMATIC_MODE
Purpose
Sets the mode for the exposure algorithm
Type
CODED
possible values
<0> AUTOMATIC_MODE - Automatic Mode of Exposure which includes
computation of Relative Step
<1> COMPILED_MANUAL_MODE - Compiled Manual Mode in which
the desired exposure is given and not calculated by algorithm
<2> DIRECT_MANUAL_MODE - Mode in which the exposure
parameters are input directly and not calculated by compiler
<3> FLASHGUN_MODE - Flash Gun Mode in which the exposure
parameters are set to fixed values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com