Electronic Components Datasheet Search
  English  ▼

X  

THS4302 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS4302
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4302 Datasheet(HTML) 5 Page - Texas Instruments

  THS4302 Datasheet HTML 1Page - Texas Instruments THS4302 Datasheet HTML 2Page - Texas Instruments THS4302 Datasheet HTML 3Page - Texas Instruments THS4302 Datasheet HTML 4Page - Texas Instruments THS4302 Datasheet HTML 5Page - Texas Instruments THS4302 Datasheet HTML 6Page - Texas Instruments THS4302 Datasheet HTML 7Page - Texas Instruments THS4302 Datasheet HTML 8Page - Texas Instruments THS4302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs (5 V)
Table of Graphs (3 V)
THS4302
SLOS403H – OCTOBER 2002 – REVISED AUGUST 2006
FIGURE
S-Parameter vs Frequency
1
Small signal frequency response
2
Large signal frequency response
3
Slew rate vs Output voltage
4
Harmonic distortion vs Frequency
5, 6, 7, 8
Harmonic distortion vs Output voltage swing
9
Second-order intermodulation distortion vs Frequency
10
Second-order intercept point vs Frequency
11
Third order intermodulation distortion vs Frequency
12
Third-order intercept point vs Frequency
13
Voltage and current noise vs Frequency
14
Settling time
15, 16
Quiescent current vs Supply voltage
17
Output voltage vs Load resistance
18
Capacitive load frequency response
19
Gain vs Case temperature
20
Rejection ratios vs Frequency
21
Rejection ratios vs Case temperature
22
Common-mode rejection ratio vs Input common-mode range
23
Input offset voltage vs Case temperature
24
Positive input bias current vs Case temperature
25
Small signal transient response
26
Large signal transient response
27
Overdrive recovery
28
Closed-loop output impedance vs Frequency
29
Power-down quiescent current vs Supply voltage
30
Power-down output impedance vs Frequency
31
Turnon and turnoff delay times
32
Power-down S-Parameter vs Frequency
33
FIGURE
Small signal frequency response
34
Large signal frequency response
35
Slew rate vs Output voltage
36
Output voltage vs Load resistance
37
Capacitive load frequency response
38
Gain vs Case temperature
39
S - Parameter vs Frequency
40
Input offset voltage vs Case temperature
41
Positive input bias current vs Case temperature
42
Overdrive recovery
43
Copyright © 2002–2006, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS4302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com