Electronic Components Datasheet Search
  English  ▼

X  

THS4302 Datasheet(PDF) 11 Page - Texas Instruments

Part # THS4302
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4302 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4302 Datasheet HTML 7Page - Texas Instruments THS4302 Datasheet HTML 8Page - Texas Instruments THS4302 Datasheet HTML 9Page - Texas Instruments THS4302 Datasheet HTML 10Page - Texas Instruments THS4302 Datasheet HTML 11Page - Texas Instruments THS4302 Datasheet HTML 12Page - Texas Instruments THS4302 Datasheet HTML 13Page - Texas Instruments THS4302 Datasheet HTML 14Page - Texas Instruments THS4302 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
Source
C
50
Ω
50
Ω
50
Ω
50
Ω
RF
RG
VS = 3 V
S22
S11
S12
+
−
0
2
4
6
8
10
12
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = 3 V
0
0.5
1
1.5
2
2.5
3
3.5
4
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
VS = 3 V
Case Temperature −
°C
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
1.25
1.375
1.5
1.625
1.75
t − Time −
µs
VS = 3 V
THS4302
SLOS403H – OCTOBER 2002 – REVISED AUGUST 2006
TYPICAL THS4302 CHARACTERISTICS (3 V) (continued)
S-PARAMETER
INPUT OFFSET VOLTAGE
POSITIVE INPUT BIAS CURRENT
vs
vs
vs
FREQUENCY
CASE TEMPERATURE
CASE TEMPERATURE
Figure 40.
Figure 41.
Figure 42.
OVERDRIVE RECOVERY
Figure 43.
Copyright © 2002–2006, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com