Electronic Components Datasheet Search
  English  ▼

X  

THS4302 Datasheet(PDF) 6 Page - Texas Instruments

Part # THS4302
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4302 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4302 Datasheet HTML 2Page - Texas Instruments THS4302 Datasheet HTML 3Page - Texas Instruments THS4302 Datasheet HTML 4Page - Texas Instruments THS4302 Datasheet HTML 5Page - Texas Instruments THS4302 Datasheet HTML 6Page - Texas Instruments THS4302 Datasheet HTML 7Page - Texas Instruments THS4302 Datasheet HTML 8Page - Texas Instruments THS4302 Datasheet HTML 9Page - Texas Instruments THS4302 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
Typical Test Data
TYPICAL THS4302 CHARACTERISTICS (5 V)
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
S12
S11
S22
Source
50
Ω
50
Ω
50
Ω
50
Ω
+
−
VS = 5 V
0
2
4
6
8
10
12
14
16
10 M
100 M
1 G
10 G
f − Frequency − Hz
RL = 100 Ω
VO = 200 mV
VS = 5 V
0
2
4
6
8
10
12
14
16
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
RL = 100 Ω
VO = 2 V
VS = 5 V
THS4302
SLOS403H – OCTOBER 2002 – REVISED AUGUST 2006
S-Parameter (Measured using standard THS4302EVM, edge number 6443548, with VS = 5 V in a 50-Ω test system)
Frequency MHz
S11 (dB)
S11 (Ang)
S21 (dB)
S21 (Ang)
S12 (dB)
S12 (Ang)
S22 (dB)
S22 (Ang)
1
-55.86328
-3.728516
14.10889
-0.093384
-96.26953
20.78809
-70.32422
122.5
2
-55.75781
-4.832764
14.11621
-0.109863
-98.18359
-120.6758
-65.65234
97.16016
10
-53.0293
-29.01563
14.11035
-0.350189
-78.10156
121.2148
-52.01953
73.91406
50
-42.92383
-82.44141
14.16309
-1.682312
-61.82813
75
-45.27539
142.0391
100
-37.35156
-97.42188
14.34766
-4.422119
-56.37891
61.26367
-31.04981
115.4414
150
-35.64258
-105.9063
14.38428
-7.657471
-54.44336
53.0957
-26.75098
98.26172
200
-33.27344
-111.1133
14.42041
-10.49512
-53.72852
34.22656
-25.3418
85.07031
250
-32.18945
-114.2891
14.39209
-13.63135
-53.55273
31.70508
-24.14844
77.09766
300
-30.92578
-114.4297
14.40918
-17.17871
-53.94727
21.56934
-23.53613
72.94531
350
-30.29492
-113.9727
14.38477
-19.34375
-54.23828
19.45508
-22.99512
70.63281
400
-29.11816
-113.5313
14.38184
-23.08594
-55.13281
16.29395
-22.13379
72.0625
450
-28.44141
-116
14.35645
-25.62305
-56.33594
14.38232
-21.45215
71.90234
500
-27.50977
-114.082
14.36035
-28.69922
-58.48828
12.0708
-20.56641
74.21094
550
-26.51856
-112.25
14.3208
-32.48047
-63.26367
3.492187
-19.71094
74.85938
600
-26.01856
-113.6719
14.30713
-34.17773
-67.62109
27.33594
-19.2959
75.58984
700
-24.03613
-115.8984
14.23242
-39.5918
-68.02734
172.2422
-17.80078
77.79297
800
-21.97559
-117.4922
14.1665
-47.05664
-55.4082
171.0703
-15.81494
77.22266
900
-20.40137
-120.7305
14.11133
-51.92969
-50.38477
168.8125
-14.38965
76.04297
1000
-18.70313
-123.4023
14.06006
-57.80078
-46.64453
163.1016
-12.91406
73.89063
1250
-15.14893
-134.7031
13.93872
-75.02344
-40.19141
152.5313
-9.994141
65.77734
1500
-12.66602
-149.0625
13.74683
-88.4375
-35.73438
139.7109
-7.968018
55.74414
1750
-11.48975
-168.9922
12.97827
-110.2852
-31.94531
112.5
-6.750977
40.24414
2000
-11.68311
-169.8203
12.18066
-123.043
-34.46094
84.83984
-7.211182
31.3877
S-PARAMETER
vs
SMALL SIGNAL FREQUENCY
LARGE SIGNAL FREQUENCY
FREQUENCY
RESPONSE
RESPONSE
Figure 1.
Figure 2.
Figure 3.
6
Submit Documentation Feedback
Copyright © 2002–2006, Texas Instruments Incorporated
Product Folder Link(s): THS4302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com