Electronic Components Datasheet Search
  English  ▼

X  

THS4302 Datasheet(PDF) 8 Page - Texas Instruments

Part # THS4302
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4302 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4302 Datasheet HTML 4Page - Texas Instruments THS4302 Datasheet HTML 5Page - Texas Instruments THS4302 Datasheet HTML 6Page - Texas Instruments THS4302 Datasheet HTML 7Page - Texas Instruments THS4302 Datasheet HTML 8Page - Texas Instruments THS4302 Datasheet HTML 9Page - Texas Instruments THS4302 Datasheet HTML 10Page - Texas Instruments THS4302 Datasheet HTML 11Page - Texas Instruments THS4302 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
1.75
2
2.25
2.5
2.75
3
3.25
0.2
0
0.2
0.4
0.6
0.8
1
1.2
RL = 100 Ω
f= 1 MHz
VS = 5 V
Rising Edge
Falling Edge
t − Time − ns
1
10
100
100
1 k
10 k
100 k
1 M
10 M
1
10
100
Vn
In
f − Frequency − Hz
25
27
29
31
33
35
37
39
41
43
0
100
200
300
400
500
f − Frequency − MHz
RL = 100 Ω
VS = 5 V
VO = 1 VPP
Envelope
49.9
49.9
+2.5V
−2.5V
49.9
50 Test
Equipment
50 Source
Test data
measurement
point
Tone Spacing = 200 kHz
To 50-
Ω Load, Add 3dB to
Refer To Amplifier Output
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
0.2
0
0.2 0.4
0.6 0.8
1
1.2
1.4 1.6
RL = 100 Ω
f= 1 MHz
VS = 5 V
Rising Edge
Falling Edge
t − Time − ns
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1
10
100
1000
RL − Load Resistance − Ω
VS = 5 V
TA = −40 to 85°C
0
5
10
15
20
25
30
35
40
45
50
2.5
3
3.5
4
4.5
5
VS − Supply Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
10 M
100 M
1 G
1
f − Frequency − Hz
R(ISO) = 12.1 Ω,
CL = 47 pF
VS = 5 V
R(ISO) = 8 Ω,
CL = 100 pF
R(ISO) = 24.9 Ω,
CL = 10 pF
13.92
13.94
13.96
13.98
14
14.02
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = 5 V
0
10
20
30
40
50
60
70
100 k
1 M
10 M
100 M
1 G
CMRR
PSRR+
VS = 5 V
f − Frequency − Hz
THS4302
SLOS403H – OCTOBER 2002 – REVISED AUGUST 2006
TYPICAL THS4302 CHARACTERISTICS (5 V) (continued)
THIRD-ORDER
OUTPUT INTERCEPT POINT
VOLTAGE AND CURRENT NOISE
vs
vs
FREQUENCY
FREQUENCY
SETTLING TIME
Figure 13.
Figure 14.
Figure 15.
QUIESCENT CURRENT
OUTPUT VOLTAGE
vs
vs
SETTLING TIME
SUPPLY VOLTAGE
LOAD RESISTANCE
Figure 16.
Figure 17.
Figure 18.
GAIN
REJECTION RATIOS
CAPACITIVE LOAD
vs
vs
FREQUENCY RESPONSE
CASE TEMPERATURE
FREQUENCY
Figure 19.
Figure 20.
Figure 21.
8
Submit Documentation Feedback
Copyright © 2002–2006, Texas Instruments Incorporated
Product Folder Link(s): THS4302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com