Electronic Components Datasheet Search
  English  ▼

X  

THS4302 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS4302
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4302 Datasheet(HTML) 1 Page - Texas Instruments

  THS4302 Datasheet HTML 1Page - Texas Instruments THS4302 Datasheet HTML 2Page - Texas Instruments THS4302 Datasheet HTML 3Page - Texas Instruments THS4302 Datasheet HTML 4Page - Texas Instruments THS4302 Datasheet HTML 5Page - Texas Instruments THS4302 Datasheet HTML 6Page - Texas Instruments THS4302 Datasheet HTML 7Page - Texas Instruments THS4302 Datasheet HTML 8Page - Texas Instruments THS4302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
_
+
THS4302
Rf
100
Ω
49.9
Ω
VI
+
22
µF
47 pF
0.1
µF
VS+
50
Ω Source
Rg
APPLICATION CIRCUIT
VO
+
22
µF
47 pF
0.1
µF
VS-
0
2
4
6
8
10
12
14
16
10 M
100 M
1 G
10 G
f - Frequency - Hz
SMALL SIGNAL FREQUENCY RESPONSE
VO = 200 mV
RL = 100 Ω
VS = 5 V
30.1
Ω
30.1
Ω
FB
FB
FB = Ferrite Bead
THS4302
SLOS403H – OCTOBER 2002 – REVISED AUGUST 2006
www.ti.com
WIDEBAND FIXED-GAIN AMPLIFIER
• Wideband Signal Processing
2
• Fixed-Gain Amplifier, 5 V/V (14 dB)
• Wireless Transceivers
• Wide Bandwidth: 2.4 GHz
• IF Amplifier
• High Slew Rate: 5500 V/μs
• ADC Preamplifier
• Low Total Input Referred Noise: 2.8 nV/√Hz
• DAC Output Buffers
• Low Distortion
• Test, Measurement, and Instrumentation
–
HD3: -86 dBc at 30 MHz
• Medical and Industrial Imaging
–
HD3: -81 dBc at 70 MHz
–
IMD3: -88 dBc at 100 MHz
–
OIP3: 39 dBm at 100 MHz
The THS4302 device is a wideband, fixed-gain
–
IMD3: -73 dBc at 300 MHz
amplifier that offers high bandwidth, high slew rate,
low noise, and low distortion. This combination of
–
OIP3: 32 dBm at 300 MHz
specifications enables analog designers to transcend
• High Output Drive: ±180 mA
current performance limitations and process analog
• Power Supply Voltage: 3 V or 5 V
signals at much higher speeds than previously
possible with closed-loop, complementary amplifier
designs. This device is offered in a 16-pin leadless
package and incorporates a power-down mode for
quiescent power savings.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4302 TI-THS4302 Datasheet
602Kb / 23P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4302RGTR TI-THS4302RGTR Datasheet
602Kb / 23P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4302RGTR TI1-THS4302RGTR Datasheet
1Mb / 28P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4302RGTRG4 TI-THS4302RGTRG4 Datasheet
602Kb / 23P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4302RGTT TI-THS4302RGTT Datasheet
602Kb / 23P
WIDEBAND FIXED-GAIN AMPLIFIER
More results

Similar Description - THS4302

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
THS4302 TI-THS4302 Datasheet
602Kb / 23P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI-THS4303 Datasheet
611Kb / 24P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA653 TI-OPA653 Datasheet
697Kb / 19P
Wideband, Fixed Gain, JFET-Input AMPLIFIER
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
Wideband, Fixed Gain, JFET-Input AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
Wideband, Fixed Gain BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com