Electronic Components Datasheet Search
  English  ▼

X  

THS4302 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS4302
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4302 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4302 Datasheet HTML 3Page - Texas Instruments THS4302 Datasheet HTML 4Page - Texas Instruments THS4302 Datasheet HTML 5Page - Texas Instruments THS4302 Datasheet HTML 6Page - Texas Instruments THS4302 Datasheet HTML 7Page - Texas Instruments THS4302 Datasheet HTML 8Page - Texas Instruments THS4302 Datasheet HTML 9Page - Texas Instruments THS4302 Datasheet HTML 10Page - Texas Instruments THS4302 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
−110
−100
−90
−80
−70
−60
−50
1
10
100
HD2
HD3
f − Frequency − MHz
RL = 100 Ω
VO = 1 VPP
VS = 5 V
−110
−100
−90
−80
−70
−60
−50
1
10
100
HD2
HD3
f − Frequency − MHz
RL = 1 kΩ
VO = 1 VPP
VS = 5 V
0
1000
2000
3000
4000
5000
6000
7000
0
0.5
1
1.5
2
2.5
VO − Output Voltage − VPP
RL = 100 Ω
VS = 5 V
Fall
Rise
−90
−85
−80
−75
−70
−65
−60
−55
−50
1
10
100
HD2
HD3
f − Frequency − MHz
RL = 100 Ω
VO = 2 VPP
VS = 5 V
−100
−90
−80
−70
−60
−50
1
10
100
HD2
HD3
f − Frequency − MHz
RL = 1 kΩ
VO = 2 VPP
VS = 5 V
−100
−95
−90
−85
−80
−75
−70
−65
−60
−55
−50
0
0.5
1
1.5
2
2.5
HD2, f = 64 MHz
HD3, f = 64 MHz
HD2, f = 4 MHz
HD3, f = 4 MHz
VO − Output Voltage Swing − VPP
RL = 100 Ω
VS = 5 V
−100
−95
−90
−85
−80
−75
−70
−65
−60
−55
−50
0
100
300
f − Frequency − MHz
VS = 5 V
RL = 100 Ω
VO = 1 VPP Envelope
Tone Spacing = 200 kHz
50
150
200
250
F2 + F1
F2 − F1
50
55
60
65
70
75
80
85
90
95
100
0
100
300
f − Frequency − MHz
Tone Spacing = 200 kHz
To 50-
Ω Load, Add 3dB to
Refer To Amplifier Output
50
150
200
250
49.9
49.9
+2.5V
−2.5V
49.9
50 Test
Equipment
50 Source
Test data
measurement
point
F2 − F1
F2 + F1
−100
−95
−90
−85
−80
−75
−70
−65
−60
−55
−50
10
100
1000
f − Frequency − MHz
RL = 100 Ω
VS = 5 V
200 kHz Tone Spacing
VO = 2 VPP
Envelope
VO = 1 VPP
Envelope
VO = 0.5 VPP
Envelope
THS4302
SLOS403H – OCTOBER 2002 – REVISED AUGUST 2006
TYPICAL THS4302 CHARACTERISTICS (5 V) (continued)
SLEW RATE
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
OUTPUT VOLTAGE
FREQUENCY
FREQUENCY
Figure 4.
Figure 5.
Figure 6.
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
OUTPUT VOLTAGE SWING
Figure 7.
Figure 8.
Figure 9.
SECOND-ORDER
SECOND-ORDER
THIRD-ORDER
INTERMODULATION DISTORTION
OUTPUT INTERCEPT POINT
INTERMODULATION DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
Copyright © 2002–2006, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS4302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com