Electronic Components Datasheet Search
  English  ▼

X  

PX2 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # PX2
Description  Heavy Duty Pressure Transducers PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

PX2 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  PX2 Datasheet HTML 1Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Sensing and Internet of Things
Heavy Duty Pressure Transducers
PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
Figure 1. Total Error Band (TEB) for the Total Error Band Series
Table 1. Performance Specifications1
Characteristic
Parameter
Operating temperature range2
-40°C to 125°C [-40°F to 257°F]
Storage temperature range3
-40°C to 125°C [-40°F to 257°F]
Compensated temperature range4
-40°C to 125°C [-40°F to 257°F]
Overpressure minimum rating5
(See Table 3.)
Burst pressure minimum rating6
(See Table 3.)
Long term stability
±0.5 %FSS9 (1000 hr at 25°C [77°F])
Accuracy7
±0.25 %FSS9 (See Figure 1.)
Offset error8
±1 %FSS9
Total Error Band10
±2 %FSS9 (-40°C to 125°C [-40°F to 257°F]) (See Figure 1.)
Response time11
<2 ms
Turn on time12
<7 ms
Life13
minimum of 10 million cycles to operating pressure
1
All specifications apply at 25°C and under operating conditions unless otherwise noted.
2
Operating Temperature Range: The temperature range over which the product will produce an output proportional to pressure but may not remain
within the specified performance limits.
3
Storage Temperature Range: The temperature range over which the product may safely be exposed without excitation or pressure applied. Under
these conditions the product will remain in specification after excursion to any temperatures within this range. Exposure to temperatures outside
this range may cause permanent damage to the product.
4
Compensated Temperature Range: The temperature range (or ranges) over which the product will produce an output proportional to pressure
within the specified performance limits.
5
Overpressure: The absolute maximum rating for pressure which may be safely applied to the product for it to remain in specification once pressure
is returned to the operating pressure range. Exposure to higher pressure may cause permanent damage to the product.
6
Burst Pressure: The maximum pressure that may be applied to the product without causing escape of the pressure media. The product should not
be expected to function after exposure to any pressure beyond the rated burst pressure. This rating is also the case burst rating of the product.
7
Accuracy: The maximum deviation in output from a Best Fit Straight Line (BFSL) fitted to the output measured over the pressure range at 25°C.
Includes all errors due to pressure non-linearity, pressure hysteresis, and non-repeatability.
8
Offset Error: the maximum deviation in the output signal obtained when the reference pressure is applied at 25°C relative to the ideal transfer
function.
9
Full Scale Span (FSS): The algebraic difference between the output signal measured at the maximum (Pmax.) and minimum (Pmin.) limits of the
pressure range.
10
Total Error Band: The maximum deviation from the ideal transfer function over the entire compensated temperature and pressure range. Includes
all errors due to offset, full scale span, pressure non-linearity, pressure hysteresis, repeatability, thermal effect on offset, thermal effect on span,
and thermal hysteresis.
11
Response Time: The response time of the transducer is the maximum amount of time that the transducer will take for the transducer to output a
change from 10% to 90% of full scale in response to a 0% to 100% full scale step input pressure range.
12
Turn On Time: Duration from power applied until first valid output.
13
Life may vary depending on the application in which transducer is used.
Total
Error
Band
Accuracy
BFSL
All Possible Errors
Thermal Hysteresis
Thermal Effect on Offset
Thermal Effect on Span
Pressure Non-Linearity
Pressure Hysteresis
Full Scale Span
Offset
Pressure Non-Repeatability



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com