Electronic Components Datasheet Search
  English  ▼

X  

PX2 Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # PX2
Description  Heavy Duty Pressure Transducers PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

PX2 Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button PX2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Find out more
Honeywell serves its customers through
a worldwide network of sales offices and
distributors. For application assistance,
current specifications, pricing or name
of the nearest Authorized Distributor,
contact your local sales office.
To learn more about Honeywell’s
sensing and switching products, call
+1.815.235.6847 or 1.800.537.6945,
visit sensing.honeywell.com, or e-mail
inquiries to info.sc@honeywell.com
Honeywell Sensing and Internet of Things
9680 Old Bailes Road
Fort Mill, SC 29707
www.honeywell.com
Warranty/Remedy
Honeywell warrants goods of its manufacture as being free
of defective materials and faulty workmanship during the
applicable warranty period. Honeywell’s standard product
warranty applies unless agreed to otherwise by Honeywell
in writing; please refer to your order acknowledgement or
consult your local sales office for specific warranty details.
If warranted goods are returned to Honeywell during the
period of coverage, Honeywell will repair or replace, at its
option, without charge those items that Honeywell, in its sole
discretion, finds defective.
The foregoing is buyer’s sole
remedy and is in lieu of all other warranties, expressed or
implied, including those of merchantability and fitness for
a particular purpose. In no event shall Honeywell be liable
for consequential, special, or indirect damages.
While Honeywell may provide application assistance
personally, through our literature and the Honeywell web site, it
is buyer’s sole responsibility to determine the suitability of the
product in the application.
Specifications may change without notice. The information we
supply is believed to be accurate and reliable as of this writing.
However, Honeywell assumes no responsibility for its use.
WARNING
PERSONAL INJURY
DO NOT USE these products as safety or emergency stop
devices or in any other application where failure of the
product could result in personal injury.
Failure to comply with these instructions could result in
death or serious injury.
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this datasheet is for reference
only. Do not use this document as a product installation
guide.
• Complete installation, operation, and maintenance
information is provided in the instructions supplied with
each product.
Failure to comply with these instructions could result in
death or serious injury.
ADDITIONAL INFORMATION
The following associated literature is available on the
Honeywell web site at sensing.honeywell.com:
• Product line guide
• Product range guide
• Product installation instructions
• Application notes:
- Heavy Duty Pressure Transducers, PX2 Series and PX3
Series
- PX2 Series and PX3 Series Heavy Duty Pressure
Transducers for Potential Use in Industrial Refrigeration
- PX2 Series and PX3 Series Heavy Duty Pressure
Transducers for Potential Use in Industrial HVAC/R
Applications
• Technical notes:
- Total Error Band Specification for Honeywell Heavy
Duty Pressure Transducers, PX2 Series and PX3 Series
- Media Compatibility for Honeywell Heavy Duty
Pressure Transducers, PX2 Series and PX3 Series
• CAD models
500599462-
I-EN | I | 06/17
© 2017 Honeywell International Inc.
Solstice® N40 is a registered trademark of Honeywell International Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com