Electronic Components Datasheet Search
  English  ▼

X  

PX2 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # PX2
Description  Heavy Duty Pressure Transducers PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

PX2 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  PX2 Datasheet HTML 1Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Sensing and Internet of Things
Heavy Duty Pressure Transducers
PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
Table 5. Environmental and Mechanical Characteristics
Characteristic
Parameter
Mechanical shock
100 G per MIL-STD-202F, Method 213B, Cond. F (at 25°C)
Vibration
20 G sweep, 10 Hz to 2000 Hz (at 25°C)
Enclosure rating
per electrical connector type selection (See Figure 5.)
Wetted materials:
port
substrate
adhesives
electronics
304 stainless steel
alumina ceramic
epoxy
glass, silicon
External materials:
housing
connector:
UL 94 HB (standard)
UL 94 V-0 (optional)
cable jacket
304 stainless steel
PBT 30% GF, black
PBT 30% GF, natural (beige)
TPE
Installation torque
per pressure port type (See Figure 6.)
Table 3. Pressure Ratings
bar
kPa
MPa
psi
Operating
Pressure
Over-
pressure
Burst
Pressure
Operating
Pressure
Over-
pressure
Burst
Pressure
Operating
Pressure
Over-
pressure
Burst
Pressure
Operating
Pressure
Over-
pressure
Burst
Pressure
1
5
8
100
500
800
1
3.1
5.1
15
70
115
1.6
5
8
160
1000
1700
1.6
5.2
8.6
30
150
250
2
10
17
250
1000
1700
2.5
6.9
10.3
50
250
400
2.5
10
17
400
1700
2700
4
6.9
10.3
100
450
750
4
17
27
600
3100
5100
4.6
6.9
10.3
150
450
750
6
31
51
—
—
—
6
13.8
20.6
200
750
1250
8
31
51
—
—
—
7
13.8
20.6
250
750
1250
10
31
51
—
—
—
—
—
—
300
1000
1500
16
52
86
—
—
—
—
—
—
500
1000
1500
25
69
103
—
—
—
—
—
—
600
1000
1500
34
69
103
—
—
—
—
—
—
667
1000
1500
40
69
103
—
—
—
—
—
—
750
1500
2250
46
69
103
—
—
—
—
—
—
800
1500
2250
60
138
206
—
—
—
—
—
—
850
2000
3000
70
138
206
—
—
—
—
—
—
1000
2000
3000
CAUTION
PRODUCT DAMAGE DUE TO MECHANICAL ISSUES
• Ensure torque specifications are determined for the specific application. Values provided are for reference only. (Mating
materials and thread sealants can result in significantly different torque values from one application to the next.)
• When using mating parts made of stainless steel, use a thread sealant with anti-seize properties to prevent thread galling.
Ensure the sealant is rated for the application.
• Use appropriate tools (such as an open ended wrench or deep well socket) to install transducers.
• Always hand-start transducers into the hole to prevent cross threading and damage.
• Ensure that torque is not applied to the electrical connector.
• Ensure that the proper mating electrical connector with a seal is used to connect the transducer. Improper or damaged seals
can compromise ingress protection, leading to short circuits.
Failure to comply with these instructions may result in product damage.
CAUTION
PRODUCT DAMAGE DUE TO PARTICULATES
• Ensure that a filter is used upstream of the transducer to keep media flow free of larger particulates and increased humidity. All
PX2 Series transducers are dead-ended devices; particulate accumulation and condensing moisture may affect sensor output.
• It is recommend that the transducer be positioned with the port facing downwards; any particulates in the system are less
likely to enter and settle within the pressure transducer if it is in this position.
• Ensure that the media does not create a residue when dried. Build-up inside the transducer may affect transducer output;
rinsing of a dead-ended transducer is potentially difficult and has limited effectiveness in removing residue.
Failure to comply with these instructions may result in product damage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com