Electronic Components Datasheet Search
  English  ▼

X  

PX2 Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # PX2
Description  Heavy Duty Pressure Transducers PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

PX2 Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button PX2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Sensing and Internet of Things
Heavy Duty Pressure Transducers
PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
Figure 6. Pressure Port Type Dimensions (For reference only: mm/[in].)1
F1 7/16-20 UNF 1/4 in 45º Flare Female Schrader (SAE J512) F2 7/16-20 UNF 45º Flare Male (SAE J513)
Seal: 45º cone
Mating geometry: SAE J512
Installation torque2: 17 N m [12.5 ft-lb]
Seal: 45º cone
Mating geometry: SAE J513
Installation torque2: 1/4 Turn from finger tight
F3 7/16-20 UNF 37º Flare Male (SAE J514)
G1 G1/4 ( ISO 1179-3)
Seal3,4: 37º cone
Mating Geometry: SAE J514
Installation Torque2: 16 N m [11.8 ft-lb]
Seal3,4: O-ring
Mating geometry: ISO 1179-1
Installation torque2: 50 N m [38.9 ft-lb]
G2 G1/8 (ISO 1179-3)
M1 M12 X 1.5 (ISO 6149-3)
Seal3,4: O-ring
Mating geometry: ISO 1179-1
Installation torque2: 25 N m [18.4 ft-lb]
Seal2,3: O-ring
Mating geometry: ISO 6149-1
Installation torque2: 25 N m [18.4 ft-lb]
N1 1/4–18 NPT
N2 1/8–27 NPT
Seal: pipe thread
Mating geometry: ANSI B1.20.1
Installation torque2: 2 to 3 turns
from finger tight
Seal: pipe thread
Mating geometry: ANSI B1.20.1
Installation torque2: 2 to 3 turns
from finger tight
S1 9/16–18 UNF (SAE J1926-3)
S2 7/16–20 UNF (SAE J1926-3)
Seal3,4: O-ring
Mating geometry: SAE J1926-1
Installation torque2: 30 N m [22.1 ft-lb]
Seal3,4: O-ring
Mating geometry: SAE J1926-1
Installation torque2: 18 N m [12.3 ft-lb]
1
See
CAUTION “PRODUCT DAMAGE DUE TO MECHANICAL ISSUES” on page 5.
2
Straight thread maximum torque is validated to 150% of installation torque.
3
Seals for pressure port type order codes
S1, S2, M1, G1 and G2 are included and assembled to the sensors.
4
O-ring material is nitrile 70 durometer -30ºC to 125ºC [-22ºF to 257ºF].
12,3
[0.49]
“P” = 17,4
[0.68]
11,2
[0.44]
“P” = 16,2
[0.64]
7,6
[0.30]
“P” = 12,6
[0.50]
13,5
[0.53]
“P” = 18,5
[0.73]
15,0
[0.59]
“P” = 20,0
[0.79]
10,0
[0.39]
“P” = 15,0
[0.59]
13,5
[0.53]
“P” = 18,5
[0.73]
12,5
[0.49]
“P” = 17,5
[0.69]
“P”
22 Hex flat to flat
[0.87]
12,3
[0.49]
“P” = 19,2
[0.75]
15,5
[0.61]
“P” = 20,5
[0.81]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com