Electronic Components Datasheet Search
  English  ▼

X  

PX2 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # PX2
Description  Heavy Duty Pressure Transducers PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

PX2 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  PX2 Datasheet HTML 1Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Sensing and Internet of Things
Heavy Duty Pressure Transducers
PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
Table 2. Electrical Specifications
Characteristic
Ratiometric Output
Current
Output
Regulated Output
Output Transfer Function Order Code1
AA
AB
AC
AD
CH
BC
BD
BE
BG
Output transfer function1:
null output value
full scale output value
full scale span (FSS)
operating supply voltage, min.(Vs)2
operating supply voltage, typ. (Vs)2
operating supply voltage, max. (Vs)2
10% of Vs
90% of Vs
80% of Vs
4.75 V
5 V
5.25 V
5% of Vs
95% of Vs
90% of Vs
4.5 V
5 V
5.5 V
10% of Vs
90% of Vs
80% of Vs
3.135 V
3.3 V
3.465 V
5% of Vs
95% of Vs
90% of Vs
3.135 V
3.3 V
3.465 V
4 mA
4 mA
16 mA
8 V
—
30 V4
1 V
6 V
5 V
9 V
—
30 V3
0.25 V
10.25 V
10 V
13 V
—
30 V3
0.5 V
4.5 V
4 V
8 V
—
30 V3
1 V
5 V
4 V
8 V
—
30 V3
Supply current (typ.)
5 mA
4 mA
—
5.5 mA
Output load (pull up or down):
minimum
maximum
2 kOhm
—
—
(Vs - 8) x
50 Ohm4
2 kOhm
—
Absolute voltage ratings5:
minimum6
maximum6
maximum applied to output pin
(short circuit protection)7
-16 V
16 V
Vs
-16 V
30 V
—
-16 V
30 V
12 V
EMC rating8:
CE compliance:
electrostatic discharge
radiated immunity
fast transient burst
immunity to conducted disturbances
radiated emissions
±4 kV contact, ±8 kV air per IEC 61000-4-2
10 V/m (80 MHz to 1000 MHz) per IEC 61000-4-3
±1 kV per IEC61000-4-4
3 V per IEC61000-4-6
40 dB 30 MHz to 230 MHz; 47 dB 230 MHz to 1000 MHz per CISPR 11
ISO 11452-2 radiated immunity
100 V/m 200 MHz to 2 GHz
20 V/m 200 MHz to 2 GHz
1
Output transfer function options are shown in the Nomenclature and Order Guide. (See Figure 4.)
2
Transducer will not produce valid output when supply voltage is outside of operating range.
3
Applies at 25°C. See Figure 2 for Regulated Output Supply Voltage.
4
Applies at 25°C. See Figure 3 for Current Output Supply Voltage.
5
Absolute maximum ratings are the extreme limits the device can withstand without damage to the product. Voltages above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability.
6
Absolute voltage applies to potential across power and ground terminals.
7
Short circuit protection between output pin and ground, and output pin and supply pin.
8
All EMC ratings verified with the Metri-Pack 150 electrical connector type.
Figure 2. Regulated Output Supply Voltage
Figure 3. Current Output Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com