Electronic Components Datasheet Search
  English  ▼

X  

PX2 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # PX2
Description  Heavy Duty Pressure Transducers PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

PX2 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  PX2 Datasheet HTML 1Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center PX2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Sensing and Internet of Things
Heavy Duty Pressure Transducers
PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
Table 4. Pressure Reference Types
Pressure Reference
Description
Absolute
Output is proportional to the difference between applied pressure and a built-in fixed reference to
vacuum (zero pressure), where the minimum operating pressure is set to absolute zero pressure
(perfect vacuum).
Sealed gage1
Output is proportional to the difference between applied pressure and a built-in fixed reference to
1 atmA, where the minimum operating pressure is set to 14.7 psiA (1 atmA).
Vented gage2
Sensor measures pressure relative to ambient pressure. Output is proportional to the difference
between applied pressure and atmospheric (ambient) pressure, where the minimum operating
pressure is set to atmospheric pressure.
1
Sealed gage option only available in pressure ranges at or above 100 psi.
2
Vented gage option only available in pressure ranges between 100 psi and 667 psi.
Table 3. Pressure Ratings
bar
kPa
MPa
psi
Operating
Pressure
Over-
pressure
Burst
Pressure
Operating
Pressure
Over-
pressure
Burst
Pressure
Operating
Pressure
Over-
pressure
Burst
Pressure
Operating
Pressure
Over-
pressure
Burst
Pressure
1
5
8
100
500
800
1
3.1
5.1
15
70
115
1.6
5
8
160
1000
1700
1.6
5.2
8.6
30
150
250
2
10
17
250
1000
1700
2.5
6.9
10.3
50
250
400
2.5
10
17
400
1700
2700
4
6.9
10.3
100
450
750
4
17
27
600
3100
5100
4.6
6.9
10.3
150
450
750
6
31
51
—
—
—
6
13.8
20.6
200
750
1250
8
31
51
—
—
—
7
13.8
20.6
250
750
1250
10
31
51
—
—
—
—
—
—
300
1000
1500
16
52
86
—
—
—
—
—
—
500
1000
1500
25
69
103
—
—
—
—
—
—
600
1000
1500
34
69
103
—
—
—
—
—
—
667
1000
1500
40
69
103
—
—
—
—
—
—
750
1500
2250
46
69
103
—
—
—
—
—
—
800
1500
2250
60
138
206
—
—
—
—
—
—
850
2000
3000
70
138
206
—
—
—
—
—
—
1000
2000
3000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com