Electronic Components Datasheet Search
  English  ▼

X  

TPL5010 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPL5010
Description  TPL5010 Nano-Power System Timer With Watchdog Function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL5010 Datasheet(HTML) 4 Page - Texas Instruments

  TPL5010 Datasheet HTML 1Page - Texas Instruments TPL5010 Datasheet HTML 2Page - Texas Instruments TPL5010 Datasheet HTML 3Page - Texas Instruments TPL5010 Datasheet HTML 4Page - Texas Instruments TPL5010 Datasheet HTML 5Page - Texas Instruments TPL5010 Datasheet HTML 6Page - Texas Instruments TPL5010 Datasheet HTML 7Page - Texas Instruments TPL5010 Datasheet HTML 8Page - Texas Instruments TPL5010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPL5010
VDD
GND
RSTn
WAKE
DELAY/
M_RST
DONE
1
2
3
4
5
6
4
TPL5010
SNAS651A – JANUARY 2015 – REVISED SEPTEMBER 2018
www.ti.com
Product Folder Links: TPL5010
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
(1)
G= Ground, P= Power, O= Output, I= Input.
6 Pin Configuration and Functions
DDC Package
6-Lead SOT-23
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
APPLICATION INFORMATION
NO.
NAME
1
VDD
P
Supply voltage
2
GND
G
Ground
3
DELAY/
M_RST
I
Time Interval set and Manual Reset
Resistance between this pin and GND is used to
select the time interval. The reset switch is also
connected to this pin.
4
DONE
I
Logic Input for watchdog
functionality
Digital signal driven by the µC to indicate successful
processing of the WAKE signal.
5
WAKE
O
Timer output signal generated every
tIP period.
Digital pulsed signal to wake up the µC at the end of
the programmed time interval.
6
RSTn
O
Reset Output (open drain output)
Digital signal to RESET the µC, pullup resistance is
required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com