| Electronic Components Datasheet Search |
|
TPL5010 Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPL5010 Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 27 page ![]() ¸ ¸ ¹ · ¨ ¨ © § a T c a b b R EXT 2 100 4 100 2 VIN POWER MANAGEMENT VOUT GND µC GPIO VDD GND Rp GPIO RSTn TPL5010 VDD GND RSTn WAKE DELAY/ M_RST DONE REXT Battery VIN POWER MANAGEMENT VOUT GND µC GPIO VDD GND Rp GPIO RSTn TPL5010 VDD GND RSTn WAKE DELAY/ M_RST DONE REXT Battery 12 TPL5010 SNAS651A – JANUARY 2015 – REVISED SEPTEMBER 2018 www.ti.com Product Folder Links: TPL5010 Submit Documentation Feedback Copyright © 2015–2018, Texas Instruments Incorporated Programming (continued) Figure 11. Manual Reset With SPST Switch For use cases that do not require the lowest power consumption, using a single-pole single-throw switch may offer a lower-cost solution. The DELAY/M_RST pin may be directly connected to VDD with REXT in the circuit. The current drawn from the supply voltage during the reset is given by VDD/REXT. Figure 12. Manual Reset With SPDT Switch The reset function may also be asserted by switching DELAY/M_RST from REXT to VDD using a single-pole double-throw switch, which will provide a lower power solution for the manual reset, because no current flows. 8.5.3 Timer Interval Selection Using External Resistance To set the time interval, the external resistance REXT is selected according to Equation 1: where • T is the desired time interval in seconds. • REXT is the resistance value to use in Ω. • a, b, and c are coefficients depending on the range of the time interval. (1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |