Electronic Components Datasheet Search
  English  ▼

X  

TPL5010 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPL5010
Description  TPL5010 Nano-Power System Timer With Watchdog Function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL5010 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPL5010 Datasheet HTML 2Page - Texas Instruments TPL5010 Datasheet HTML 3Page - Texas Instruments TPL5010 Datasheet HTML 4Page - Texas Instruments TPL5010 Datasheet HTML 5Page - Texas Instruments TPL5010 Datasheet HTML 6Page - Texas Instruments TPL5010 Datasheet HTML 7Page - Texas Instruments TPL5010 Datasheet HTML 8Page - Texas Instruments TPL5010 Datasheet HTML 9Page - Texas Instruments TPL5010 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
TPL5010
SNAS651A – JANUARY 2015 – REVISED SEPTEMBER 2018
www.ti.com
Product Folder Links: TPL5010
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
(1)
Electrical Characteristics values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in
very limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables
under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond which
the device may be permanently degraded, either mechanically or electrically.
(2)
Limits are specified by testing, design, or statistical analysis at 25°C. Limits over the operating temperature range are specified through
correlations using statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
The supply current excludes load and pullup resistor current. Input pins are at GND or VDD.
(5)
The accuracy for time interval settings below 1 second is ±100 ms.
(6)
This parameter is specified by design and/or characterization and is not tested in production.
(7)
Operational life time test procedure equivalent to 10 years.
7.5 Electrical Characteristics
(1)
Specifications are for TA= 25°C, VDD-GND = 2.5 V, unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
POWER SUPPLY
IDD
Supply current(4)
Operation mode
35
50
nA
Digital conversion of external
resistance (Rext)
200
400
µA
TIMER
tIP
Time Interval Period
1650 selectable
Time Intervals
Minimum time
interval
100
ms
Maximum time
interval
7200
s
Time Interval Setting Accuracy(5)
Excluding the precision of Rext
±0.6%
Timer Interval Setting Accuracy over
supply voltage
1.8 V
≤ VDD ≤ 5.5 V
±25
ppm/V
tOSC
Oscillator Accuracy
–0.5%
0.5%
Oscillator Accuracy over
temperature(6)
–40°C
≤ TA ≤ 105°C
±100
±400 ppm/°C
Oscillator Accuracy over supply
voltage
1.8 V
≤ VDD ≤ 5.5 V
±0.4
%/V
Oscillator Accuracy over life time(7)
0.24%
tDONE
DONE Pulse width (6)
100
ns
tRSTn
RSTn Pulse width
320
ms
tWAKE
WAKE Pulse width
20
ms
t_Rext
Time to convert Rext
100
120
ms
DIGITAL LOGIC LEVELS
VIH
Logic High Threshold DONE pin
0.7 × VDD
V
VIL
Logic Low Threshold DONE pin
0.3 ×
VDD
V
VOH
Logic output High Level WAKE pin
Iout = 100 µA
VDD – 0.3
V
Iout = 1 mA
VDD – 0.7
V
VOL
Logic output Low Level WAKE pin
Iout = -100 µA
0.3
V
Iout = –1 mA
0.7
V
VOLRSTn
RSTn Logic output Low Level
IOL = –1 mA
0.3
V
IOHRSTn
RSTn High Level output current
VOHRSTn = VDD
1
nA
VIHM_RST
Logic High Threshold
DELAY/M_RST pin
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com