Electronic Components Datasheet Search
  English  ▼

X  

ADD8733 Datasheet(PDF) 5 Page - Analog Devices

Part # ADD8733
Description  Integrated TFT Panel Power Supply with Gate Modulation and VCOM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8733 Datasheet(HTML) 5 Page - Analog Devices

  ADD8733 Datasheet HTML 1Page - Analog Devices ADD8733 Datasheet HTML 2Page - Analog Devices ADD8733 Datasheet HTML 3Page - Analog Devices ADD8733 Datasheet HTML 4Page - Analog Devices ADD8733 Datasheet HTML 5Page - Analog Devices ADD8733 Datasheet HTML 6Page - Analog Devices ADD8733 Datasheet HTML 7Page - Analog Devices ADD8733 Datasheet HTML 8Page - Analog Devices ADD8733 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Technical Data
ADD8733
Rev. PrA | Page 5 of 16
POSITIVE CHARGE-PUMP REGULATOR SPECIFICATIONS
VNPCP_SUP = 12 V, TA = 25°C, fOSC = 650 kHz, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
SUPPLY
Supply Voltage
VNPCP_SUP
8
20
V
OUTPUT
Output Current
IVGH
50
mA
REFERENCE
FB Regulation Voltage
VNPCP_FB
2.5
V
NEGATIVE CHARGE-PUMP REGULATOR SPECIFICATIONS
VNPCP_SUP = 12 V, TA = 25°C, fOSC = 650 kHz, unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
SUPPLY
Supply Voltage
VNPCP_SUP
8
20
V
OUTPUT
Output Voltage
VGL
(−VNPCP_SUP + 3)
−2
V
Output Current
IVGL
70
mA
REFERENCE
Reference Voltage
VNCP_REF
2.5
V
FB Regulation Voltage
VNCP_FB
0
V
GATE PULSE MODULATOR SPECIFICATIONS
VSD_VIN = 12 V, VGPM_H = 28 V, VGPM_L = 12 V1, TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
GPM_H Voltage
VGPM__H
GPM_L + 6
30
V
GPM_H Input Current
IGPM__H
GPM_FLK = GND, GPM_DPM = logic high
TBD
μs
GPM_L Voltage
VGPM_L
5
GPM_H – 6
V
GPM_L Input Current
IGPM_L
GPM_FLK = GPM_DPM = logic high
TBD
μs
CONTROL INPUT CHARACTERISTICS
GPM_FLK Voltage Low
VLOWFLK
0.8
V
GPM_FLK Voltage High
VHIGHFLK
2.2
V
GPM_FLK Input Current
IGPM_FLK
0.9 V ≤ GPM_FLK ≤ 3.3 V
−1
+1
μA
GPM_DPM Voltage Low
VLOWDPM
0.8
V
GPM_DPM Voltage High
VHIGHDPM
2.2
V
GPM_DPM Input Current
IGPM_DPM
0.9 V ≤ VGPM_DPM ≤ 3.3 V
−1
+1
μA
SWITCHING CHARACTERISTICS
GPM_OUT Discharge Current
IGPM_OUT
RE = 400 Ω , GPM_L = 12 V
30
mA
DELAY CHARACTERISTICS
Delay Time
tDELAY
CE = 470 pF
TBD
μs
1 Refer to Figure 6 in the Typical Application Circuit section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com