Electronic Components Datasheet Search
  English  ▼

X  

ADD8733 Datasheet(PDF) 3 Page - Analog Devices

Part # ADD8733
Description  Integrated TFT Panel Power Supply with Gate Modulation and VCOM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8733 Datasheet(HTML) 3 Page - Analog Devices

  ADD8733 Datasheet HTML 1Page - Analog Devices ADD8733 Datasheet HTML 2Page - Analog Devices ADD8733 Datasheet HTML 3Page - Analog Devices ADD8733 Datasheet HTML 4Page - Analog Devices ADD8733 Datasheet HTML 5Page - Analog Devices ADD8733 Datasheet HTML 6Page - Analog Devices ADD8733 Datasheet HTML 7Page - Analog Devices ADD8733 Datasheet HTML 8Page - Analog Devices ADD8733 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
ADD8733
Rev. PrA | Page 3 of 16
SPECIFICATIONS
STEP-UP SWITCHING REGULATOR SPECIFICATIONS
VVIN = VSD_VIN = 12 V, L1= 15 μH, TA = 25°C, fOSC = 650 kHz, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY
Input Voltage
VIN
8.0
16.5
V
Maximum Duty Cycle
70
%
OUTPUT
Output Voltage
VSU_OUT
VIN + 1
20
V
Load Regulation
200 mA ≤ ILOAD ≤ 800 mA, VSU_OUT = 18 V
1
%
Line Regulation
ILOAD = 500 mA, 8 V ≤ VSD_VIN ≤ 16.5 V, VSU_OUT = 18 V
1
%
Overall Regulation
Line, load, temperature
±3
%
Overvoltage Protection
VSU_D
19.5
20
20.5
V
REFERENCE
FB Regulation Voltage
VSU_FB
2.5
V
ERROR AMPLIFIER
Transconductance
gm
100
μA/V
Error Amplifier Open-Loop Voltage Gain
AVSU
1000
V/V
Input Bias Current
IB
100
nA
SWITCH
On Resistance
RDS (ON)SU
100
mΩ
Peak Current Limit
ISUCLSET
3
A
OSCILLATOR
Oscillator Frequency
fOSC
FREQ = GND
650
kHz
FREQ = VSR_OUT1
1200
kHz
1 VSR_OUT pin provides a logic-high output of 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com