Electronic Components Datasheet Search
  English  ▼

X  

ADD8733 Datasheet(PDF) 13 Page - Analog Devices

Part # ADD8733
Description  Integrated TFT Panel Power Supply with Gate Modulation and VCOM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8733 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADD8733 Datasheet HTML 8Page - Analog Devices ADD8733 Datasheet HTML 9Page - Analog Devices ADD8733 Datasheet HTML 10Page - Analog Devices ADD8733 Datasheet HTML 11Page - Analog Devices ADD8733 Datasheet HTML 12Page - Analog Devices ADD8733 Datasheet HTML 13Page - Analog Devices ADD8733 Datasheet HTML 14Page - Analog Devices ADD8733 Datasheet HTML 15Page - Analog Devices ADD8733 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Technical Data
ADD8733
Rev. PrA | Page 13 of 16
LAND PATTERN
7.31mm
5.40mm
HEAT SINK
SOLDER PASTE AREA
1.90mm
5.93mm
1.60mm
0.5mm
0.33mm DIAMETER
THERMAL VIA
0.075mm
0.28mm
0.075mm
0.69mm
1.60mm
5.78mm
Figure 7. 48-Lead LFCSP (CP-48-1) Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com