Electronic Components Datasheet Search
  English  ▼

X  

ADD8733 Datasheet(PDF) 9 Page - Analog Devices

Part # ADD8733
Description  Integrated TFT Panel Power Supply with Gate Modulation and VCOM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8733 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADD8733 Datasheet HTML 5Page - Analog Devices ADD8733 Datasheet HTML 6Page - Analog Devices ADD8733 Datasheet HTML 7Page - Analog Devices ADD8733 Datasheet HTML 8Page - Analog Devices ADD8733 Datasheet HTML 9Page - Analog Devices ADD8733 Datasheet HTML 10Page - Analog Devices ADD8733 Datasheet HTML 11Page - Analog Devices ADD8733 Datasheet HTML 12Page - Analog Devices ADD8733 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Technical Data
ADD8733
Rev. PrA | Page 9 of 16
Pin No.
Mnemonic
Function
Description
32
SU_EN
Step-Up Enable for Power Supply Sequencing
33
SD_EN
Step-Down Enable for Power Supply Sequencing
34
GND
GND
Ground Pin
35, 36
SU_PGND
GND
Ground Pin for Step-Up
37, 38
SU_SW
Step-Up Regulator Switch Node
39, 40
SU_D
Power In
Power In for Step-Up Regulator Power Supply Sequencing Switch
41
SU_FB
Input
Step-Up Regulator Feedback
42, 43
SU_S
Power Out
Output from Step-Up Regulator Power Supply Sequencing Switch
44
VC2_NEG
Input
VCOM Amplifier 2 Negative Input
45
VC2_POS
Input
VCOM Amplifier 2 Positive Input
46
VC2_OUT
Output
VCOM Amplifier 2 Output
47
VC1_GND
GND
Ground Pin for VCOM Amplifier 1
48
VC1_NEG
Input
VCOM Amplifier 1 Negative Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com