Electronic Components Datasheet Search
  English  ▼

X  

ADD8733 Datasheet(PDF) 6 Page - Analog Devices

Part # ADD8733
Description  Integrated TFT Panel Power Supply with Gate Modulation and VCOM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8733 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADD8733 Datasheet HTML 2Page - Analog Devices ADD8733 Datasheet HTML 3Page - Analog Devices ADD8733 Datasheet HTML 4Page - Analog Devices ADD8733 Datasheet HTML 5Page - Analog Devices ADD8733 Datasheet HTML 6Page - Analog Devices ADD8733 Datasheet HTML 7Page - Analog Devices ADD8733 Datasheet HTML 8Page - Analog Devices ADD8733 Datasheet HTML 9Page - Analog Devices ADD8733 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADD8733
Preliminary Technical Data
Rev. PrA | Page 6 of 16
VCOM AMPLIFIER SPECIFICATIONS
VSU_S = 12 V, VCx_POS = 6.0 V, TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
TBD
mV
Noninverting Input Bias Current
IB
50
300
nA
Input Voltage Range
2
SU_S − 2
V
Common-Mode Rejection Ratio
CMRR
VCM = 2 V to (SU_S − 3) V
60
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing (High)
VOH
Buffer, IVC_OUT (source) = 100 μA
SU_S − 0.08
V
Output Voltage Swing (Low)
VOL
Buffer, IVC_OUT (sink) = 100 μA
30
mV
Output Current Limit
IOUT
±250
mA
POWER SUPPLY
Supply Voltage
VSU_S
8
20
V
Power Supply Rejection Ratio
PSRR
7.5 V ≤ SU_S ≤ 20.5 V
65
70
dB
Supply Current1
ISY
No load, VCx_POS = SU_S/2
2
mA
1 Supply current for one VCOM amplifier.
GENERAL SPECIFICATIONS
VVIN = VSD_VIN = 12 V, TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY
Applied Input Voltage (VIN)
VVIN
8
16.5
V
UNDERVOLTAGE LOCKOUT
Rising Input Voltage (VIN)
VUVLOR
TBD
7.5
V
Falling Input Voltage (VIN)
VUVLOF
7.2
V
THERMAL PROTECTION
Thermal Shutdown
Rising temperature
145
°C
Thermal Shutdown
Falling temperature
105
°C
SERIES SWITCH
On Resistance
RDS (ON)SSW
200
mΩ
Peak Current
ISSWPKC
TBD
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com