Electronic Components Datasheet Search
  English  ▼

X  

ADC1175 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC1175
Description  ADC1175 8-Bit, 20MHz, 60mW A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC1175 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC1175 Datasheet HTML 17Page - Texas Instruments ADC1175 Datasheet HTML 18Page - Texas Instruments ADC1175 Datasheet HTML 19Page - Texas Instruments ADC1175 Datasheet HTML 20Page - Texas Instruments ADC1175 Datasheet HTML 21Page - Texas Instruments ADC1175 Datasheet HTML 22Page - Texas Instruments ADC1175 Datasheet HTML 23Page - Texas Instruments ADC1175 Datasheet HTML 24Page - Texas Instruments ADC1175 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ADC1175
www.ti.com
SNAS012H – JANUARY 2000 – REVISED APRIL 2013
Driving the VRT pin or the VRB pin with devices that can not source or sink the current required by the
ladder. As mentioned in REFERENCE INPUTS, care should be taken to see that any driving devices can source
sufficient current into the VRT pin and sink sufficient current from the VRB pin. If these pins are not driven with
devices than can handle the required current, these reference pins will not be stable, resulting in a reduction of
dynamic performance.
Using a clock source with excessive jitter, using an excessively long clock signal trace, or having other
signals coupled to the clock signal trace. This will cause the sampling interval to vary, causing excessive
output noise and a reduction in SNR performance. Simple gates with RC timing is generally inadequate as a
clock source.
Input test signal contains harmonic distortion that interferes with the measurement of dynamic signal to
noise ratio. Harmonic and other interfering signals can be removed by inserting a filter at the signal input.
Suitable filters are shown in Figure 23 and Figure 24. The circuit of Figure 23 has cutoff of about 5.5 MHz and is
suitable for input frequencies of 1 MHz to 5 MHz. The circuit of Figure 24 has a cutoff of about 11 MHz and is
suitable for input frequencies of 5 MHz to 10 MHz. These filters should be driven by a generator of 75 Ohm
source impedance and terminated with a 75 ohm resistor.
Figure 23. 5.5 MHz Low Pass Filter to Eliminate Harmonics at the Signal Input
Use at input frequencies of 5 MHz to 10 MHz.
Figure 24. 11 MHz Low Pass Filter to Eliminate Harmonics at the Signal Input
Not considering the effect on a driven CMOS digital circuit(s) when the ADC1175 is in the power down
mode. Because the ADC1175 output goes into a high impedance state when in the power down mode, any
CMOS device connected to these outputs will have their inputs floating when the ADC is in power down. Should
the inputs of the circuit being driven by the ADC digital outputs float to a level near 2.5V, a CMOS device could
exhibit relative large supply currents as the input stage toggles rapidly. The solution is to use pull-down resistors
at the ADC outputs. The value of these resistors is not critical, as long as they do not cause excessive currents
in the outputs of the ADC1175. Low pull-down resistor values could result in degraded SNR and SINAD
performance of the ADC1175. Values between 5 k
Ω and 100 kΩ should work well.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC1175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com