Electronic Components Datasheet Search
  English  ▼

X  

ADC1175 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC1175
Description  ADC1175 8-Bit, 20MHz, 60mW A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC1175 Datasheet(HTML) 5 Page - Texas Instruments

  ADC1175 Datasheet HTML 1Page - Texas Instruments ADC1175 Datasheet HTML 2Page - Texas Instruments ADC1175 Datasheet HTML 3Page - Texas Instruments ADC1175 Datasheet HTML 4Page - Texas Instruments ADC1175 Datasheet HTML 5Page - Texas Instruments ADC1175 Datasheet HTML 6Page - Texas Instruments ADC1175 Datasheet HTML 7Page - Texas Instruments ADC1175 Datasheet HTML 8Page - Texas Instruments ADC1175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ADC1175
www.ti.com
SNAS012H – JANUARY 2000 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
AVDD, DVDD
6.5V
Voltage on Any Pin
−0.3V to 6.5V
VRT, VRB
AVSS to AVDD
CLK, OE Voltage
−0.5 to (AVDD + 0.5V)
Digital Output Voltage
DVSS to DVDD
Input Current (4)
±25mA
Package Input Current (4)
±50mA
Package Dissipation at 25°C
See (5)
ESD Susceptibility (6)
Human Body Model
2000V
Machine Model
200V
Soldering Temp., Infrared, 10 sec.
300°C
Storage Temperature
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see
CONVERTER ELECTRICAL CHARACTERISTICS. The ensured specifications apply only for the test conditions listed. Some
performance characteristics may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = AVSS = DVSS = 0V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds the power supplies (that is, less than AVSS or DVSS, or greater than AVDD or DVDD), the
current at that pin should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can
safely exceed the power supplies with an input current of 25 mA to two.
(5)
The absolute maximum junction temperatures (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance θJA, and the ambient temperature, TA, and can be calculated using the formula
PDMAX = (TJmax - TA )/θJA. The values for maximum power dissipation listed above will be reached only when the ADC1175 is
operated in a severe fault condition (e.g. when input or output pins are driven beyond the power supply voltages, or the power supply
polarity is reversed). Obviously, such conditions should always be avoided.
(6)
Human body model is 100 pF capacitor discharged through a 1.5k
Ω resistor. Machine model is 220 pF discharged through ZERO Ω.
OPERATING RATINGS
(1) (2)
Operating Temperature Range
−20°C ≤ TA ≤ +75°C
Supply voltage (AVDD, DVDD)
+4.75V to +5.25V
AVDD − DVDD
<0.5V
|AVSS - DVSS|
0V to 100 mV
Pin 13 - Pin 11 Voltage
<0.5V
VRT
1.0V to VDD
VRB
0V to 4.0V
VRT - VRB
1V to 2.8V
VIN Voltage Range
VRB to VRT
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see
CONVERTER ELECTRICAL CHARACTERISTICS. The ensured specifications apply only for the test conditions listed. Some
performance characteristics may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = AVSS = DVSS = 0V, unless otherwise specified.
PACKAGE THERMAL RESISTANCE
Package
θJA
TSSOP-24
92°C / W
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC1175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com