Electronic Components Datasheet Search
  English  ▼

X  

ADC1175 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADC1175
Description  ADC1175 8-Bit, 20MHz, 60mW A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC1175 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC1175 Datasheet HTML 8Page - Texas Instruments ADC1175 Datasheet HTML 9Page - Texas Instruments ADC1175 Datasheet HTML 10Page - Texas Instruments ADC1175 Datasheet HTML 11Page - Texas Instruments ADC1175 Datasheet HTML 12Page - Texas Instruments ADC1175 Datasheet HTML 13Page - Texas Instruments ADC1175 Datasheet HTML 14Page - Texas Instruments ADC1175 Datasheet HTML 15Page - Texas Instruments ADC1175 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
ADC1175
SNAS012H – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
SPECIFICATION DEFINITIONS
ANALOG INPUT BANDWIDTH is a measure of the frequency at which the reconstructed output fundamental
drops 3 dB below its low frequency value for a full scale input. The test is performed with fIN equal to 100 kHz
plus integer multiples of fCLK. The input frequency at which the output is −3 dB relative to the low frequency input
signal is the full power bandwidth.
APERTURE JITTER is the time uncertainty of the sampling point (tDS), or the range of variation in the sampling
delay.
BOTTOM OFFSET is the difference between the input voltage that just causes the output code to transition to
the first code and the negative reference voltage. Bottom offset is defined as EOB = VZT - VRB, where VZT is the
first code transition input voltage. Note that this is different from the normal Zero Scale Error.
DIFFERENTIAL GAIN ERROR is the percentage difference between the output amplitudes of a high frequency
reconstructed sine wave at two different d.c. levels.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB.
DIFFERENTIAL PHASE ERROR is the difference in the output phase of a reconstructed small signal sine wave
at two different d.c. levels.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion Ratio, or SINAD. ENOB is defined as (SINAD - 1.76) / 6.02 and says that the converter is
equivalent to a perfect ADC of this (ENOB) number of bits.
INTEGRAL NON-LINEARITY (INL) is a measure of the deviation of each individual code from a line drawn from
zero scale (½LSB below the first code transition) through positive full scale (½LSB above the last code
transition). The deviation of any given code from this straight line is measured from the center of that code value.
The end point test method is used.
OUTPUT DELAY is the time delay after the rising edge of the input clock before the data update is present at the
output pins.
OUTPUT HOLD TIME is the length of time that the output data is valid after the rise of the input clock.
PIPELINE DELAY (LATENCY) is the number of clock cycles between initiation of conversion and when that data
is presented to the output stage. Data for any give sample is available the Pipeline Delay plus the Output Delay
after that sample is taken. New data is available at every clock cycle, but the data lags the conversion by the
pipeline delay.
SAMPLING (APERTURE) DELAY is that time required after the fall of the clock input for the sampling switch to
open. The Sample/Hold circuit effectively stops capturing the input signal and goes into the "hold" mode tDS after
the clock goes low.
SIGNAL TO NOISE RATIO (SNR) is the ratio of the rms value of the input signal to the rms value of the other
spectral components below one-half the sampling frequency, not including harmonics or d.c.
SIGNAL TO NOISE PLUS DISTORTION (S/(N+D) or SINAD) is the ratio of the rms value of the input signal to
the rms value of all of the other spectral components below half the clock frequency, including harmonics but
excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the difference, expressed in dB, between the rms values of the
input signal and the peak spurious signal, where a spurious signal is any signal present in the output spectrum
that is not present at the input.
TOP OFFSET is the difference between the positive reference voltage and the input voltage that just causes the
output code to transition to full scale and is defined as EOT = VFT − VRT. Where VFT is the full scale transition
input voltage. Note that this is different from the normal Full Scale Error.
TOTAL HARMONIC DISTORTION (THD) is the ratio of the rms total of the first six harmonic components, to the
rms value of the input signal.
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC1175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com