Electronic Components Datasheet Search
  English  ▼

X  

ADC1175 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC1175
Description  ADC1175 8-Bit, 20MHz, 60mW A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC1175 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC1175 Datasheet HTML 4Page - Texas Instruments ADC1175 Datasheet HTML 5Page - Texas Instruments ADC1175 Datasheet HTML 6Page - Texas Instruments ADC1175 Datasheet HTML 7Page - Texas Instruments ADC1175 Datasheet HTML 8Page - Texas Instruments ADC1175 Datasheet HTML 9Page - Texas Instruments ADC1175 Datasheet HTML 10Page - Texas Instruments ADC1175 Datasheet HTML 11Page - Texas Instruments ADC1175 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ADC1175
SNAS012H – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
CONVERTER ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply for AVDD = DVDD = +5.0VDC, OE = 0V, VRT = +2.6V, VRB = 0.6V, CL = 20 pF, fCLK = 20MHz
at 50% duty cycle. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C
(1)(2)
Symbol
Parameter
Conditions
Typical(3)
Limits(3)
Units
fIN = 1.31 MHz, VIN = FS - 2 LSB
56
fIN = 4.43 MHz, VIN = FS - 2 LSB
58
SFDR
Spurious Free Dynamic Range
dB
fIN = 9.9 MHz, VIN = FS - 2 LSB
53
fIN = 4.43 MHz, fCLK = 30 MHz
47
fIN = 1.31 MHz, VIN = FS - 2 LSB
−55
fIN = 4.43 MHz, VIN = FS - 2 LSB
−57
THD
Total Harmonic Distortion
dB
fIN = 9.9 MHz, VIN = FS - 2 LSB
−52
fIN = 4.43 MHz, fCLK = 30 MHz
−47
Figure 2.
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC1175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com