Electronic Components Datasheet Search
  English  ▼

X  

ADC1175 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC1175
Description  ADC1175 8-Bit, 20MHz, 60mW A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC1175 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC1175 Datasheet HTML 2Page - Texas Instruments ADC1175 Datasheet HTML 3Page - Texas Instruments ADC1175 Datasheet HTML 4Page - Texas Instruments ADC1175 Datasheet HTML 5Page - Texas Instruments ADC1175 Datasheet HTML 6Page - Texas Instruments ADC1175 Datasheet HTML 7Page - Texas Instruments ADC1175 Datasheet HTML 8Page - Texas Instruments ADC1175 Datasheet HTML 9Page - Texas Instruments ADC1175 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ADC1175
SNAS012H – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
CONVERTER ELECTRICAL CHARACTERISTICS
The following specifications apply for AVDD = DVDD = +5.0VDC, OE = 0V, VRT = +2.6V, VRB = 0.6V, CL = 20 pF, fCLK = 20MHz
at 50% duty cycle. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C
(1) (2)
Symbol
Parameter
Conditions
Typical(3)
Limits(3)
Units
DC Accuracy
INL
Integral Non Linearity
f CLK = 20 MHz
±0.5
±1.3
LSB ( max)
INL
Integral Non Linearity
f CLK = 30 MHz
±1.0
LSB ( max)
DNL
Differential Non Linearity
f CLK = 20 MHz
±0.35
±0.75
LSB ( max)
DNL
Differential Non Linearity
f CLK = 30 MHz
±1.0
LSB ( max)
Missing Codes
0
(max)
EOT
Top Offset
−24
mV
EOB
Bottom Offset
+37
mV
Video Accuracy
fin = 4.43 MHz sine wave
DP
Differential Phase Error
0.5
Degree
fCLK = 17.7 MHz
fin = 4.43 MHz sine wave
DG
Differential Gain Error
0.4
%
fCLK = 17.7 MHz
Analog Input and Reference Characteristics
VRB
V (min)
VIN
Input Range
2.0
VRT
V (max)
(CLK LOW)
4
CIN
VIN Input Capacitance
VIN = 1.5V + 0.7Vrms
pF
(CLK HIGH)
11
RIN
RIN Input Resistance
>1
M
Ω
BW
Analog Input Bandwidth
120
MHz
RRT
Top Reference Resistor
360
Ω
200
Ω (min)
RREF
Reference Ladder Resistance
VRT to VRB
300
400
Ω (max)
RRB
Bottom Reference Resistor
90
Ω
4.8
mA (min)
VRT =VRTS, VRB =VRBS
7
9.3
mA (max)
IREF
Reference Ladder Current
5.4
mA (min)
VRT =VRTS,VRB =AVSS
8
10.5
mA (max)
VRT connected to VRTS
VRT
Reference Top Self Bias Voltage
2.6
V
VRB connected to VRBS
VRT connected to VRTS
V (min)
Reference Bottom Self Bias
0.55
VRB
0.6
Voltage
0.65
VRB connected to VRBS
V (max)
VRT connected to VRTS
1.89
V (min)
2
VRB connected to VRBS
2.15
V (max)
VRTS -
Self Bias Voltage Delta
VRBS
VRT connected to VRTS
2.3
V
VRB connected to AVSS
1.0
V (min)
VRT - VRB
Reference Voltage Delta
2
2.8
V (max)
(1)
The analog inputs are protected as shown below. Input voltage magnitudes up to 6.5V or to 500 mV below GND will not damage this
device. However, errors in the A/D conversion can occur if the input goes above VDD or below GND by more than 50 mV. As an
example, if AVDD is 4.75VDC, the full-scale input voltage must be ≤4.80VDC to ensure accurate conversions. See Figure 2.
(2)
To ensure accuracy, it is required that AVDD and DVDD be well bypassed. Each supply pin must be decoupled with separate bypass
capacitors.
(3)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are specified to TI's AOQL (Average Outgoing
Quality Level).
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC1175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com