Electronic Components Datasheet Search
  English  ▼

X  

ADC1175 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC1175
Description  ADC1175 8-Bit, 20MHz, 60mW A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC1175 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC1175 Datasheet HTML 3Page - Texas Instruments ADC1175 Datasheet HTML 4Page - Texas Instruments ADC1175 Datasheet HTML 5Page - Texas Instruments ADC1175 Datasheet HTML 6Page - Texas Instruments ADC1175 Datasheet HTML 7Page - Texas Instruments ADC1175 Datasheet HTML 8Page - Texas Instruments ADC1175 Datasheet HTML 9Page - Texas Instruments ADC1175 Datasheet HTML 10Page - Texas Instruments ADC1175 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ADC1175
www.ti.com
SNAS012H – JANUARY 2000 – REVISED APRIL 2013
CONVERTER ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply for AVDD = DVDD = +5.0VDC, OE = 0V, VRT = +2.6V, VRB = 0.6V, CL = 20 pF, fCLK = 20MHz
at 50% duty cycle. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C
(1)(2)
Symbol
Parameter
Conditions
Typical(3)
Limits(3)
Units
Power Supply Characteristics
IADD
Analog Supply Current
DVDD = AVDD =5.25V
9.5
mA
IDDD
Digital Supply Current
DVDD = AVDD =5.25V
2.5
mA
DVDD AVDD =5.25V, fCLK = 20 MHz
12
17
mA (max)
IAVDD +
Total Operating Current
DVDD AVDD =5.25V, fCLK = 30 MHz
13
IDVDD
DVDD = AVDD =5.25V, CLK Low
(4)
9.6
mA
DVDD = AVDD =5.25V, fCLK = 20 MHz
60
85
mW (max)
Power Consumption
DVDD = AVDD =5.25V, fCLK = 30 MHz
65
mW
CLK, OE Digital Input Characteristics
VIH
Logical High Input Voltage
DVDD = AVDD = +5.25V
3.0
V (min)
VIL
Logical Low Input Voltage
DVDD = AVDD = +5.25V
1.0
V (max)
IIH
Logical High Input Current
VIH = DVDD = AVDD = +5.25V
5
µA
IIL
Logic Low Input Current
VIL = 0V, DVDD = AVDD = +5.25V
−5
µA
CIN
Logic Input Capacitance
5
pF
Digital Output Characteristics
IOH
High Level Output Current
DVDD = 4.75V, VOH = 2.4V
−1.1
mA (max)
IOL
Low Level Output Current
DVDD = 4.75V, VOL = 0.4V
1.6
mA (min)
DVDD = 5.25V
IOZH,
Tri-State Leakage Current
OE = DVDD, VOL
±20
µA
IOZL
= 0V or VOH = DVDD
AC Electrical Characteristics
fC1
Maximum Conversion Rate
30
20
MHz (min)
fC2
Minimum Conversion Rate
1
MHz
CLK rise to data rising
19.5
ns
tOD
Output Delay
CLK rise to data falling
16
ns
Pipeline Delay (Latency)
2.5
Clock Cycles
tDS
Sampling (Aperture) Delay
CLK low to acquisition of data
3
ns
tAJ
Aperture Jitter
30
ps rms
tOH
Output Hold Time
CLK high to data invalid
10
ns
tEN
OE Low to Data Valid
Loaded as in Figure 18
11
ns
tDIS
OE High to High Z State
Loaded as in Figure 18
15
ns
fIN = 1.31 MHz, VIN = FS - 2 LSB
7.5
fIN = 4.43 MHz, VIN = FS - 2 LSB
7.3
7.0
ENOB
Effective Number of Bits
Bits (min)
fIN = 9.9 MHz, VIN = FS - 2 LSB
7.2
fIN = 4.43 MHz, fCLK = 30 MHz
6.5
fIN = 1.31 MHz, VIN = FS - 2 LSB
46.9
fIN = 4.43 MHz, VIN = FS - 2 LSB
45.7
43
SINAD
Signal-to- Noise & Distortion
dB (min)
fIN = 9.9 MHz, VIN = FS - 2 LSB
45.1
fIN = 4.43 MHz, fCLK = 30 MHz
40.9
fIN = 1.31 MHz, VIN = FS - 2 LSB
47.6
fIN = 4.43 MHz, VIN = FS - 2 LSB
46
44
SNR
Signal-to- Noise Ratio
dB (min)
fIN = 9.9 MHz, VIN = FS - 2 LSB
46.1
fIN = 4.43 MHz, fCLK = 30 MHz
42.1
(4)
At least two clock cycles must be presented to the ADC1175 after power up. See THE ADC1175 CLOCK for details.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC1175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com