Electronic Components Datasheet Search
  English  ▼

X  

ADC121S705 Datasheet(PDF) 23 Page - Texas Instruments

Part # ADC121S705
Description  ADC121S705 12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC121S705 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC121S705 Datasheet HTML 19Page - Texas Instruments ADC121S705 Datasheet HTML 20Page - Texas Instruments ADC121S705 Datasheet HTML 21Page - Texas Instruments ADC121S705 Datasheet HTML 22Page - Texas Instruments ADC121S705 Datasheet HTML 23Page - Texas Instruments ADC121S705 Datasheet HTML 24Page - Texas Instruments ADC121S705 Datasheet HTML 25Page - Texas Instruments ADC121S705 Datasheet HTML 26Page - Texas Instruments ADC121S705 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
+
-
+
-
ADC121S705
REF
DAC081S101
Micro-
Controller
LMP7701
LMP7701
200 k:
Pressure
Sensor
0.2 mV/PSI
VA
VA
AV = 100 V/V
CSB
SCLK
DOUT
SYNCB
SCLK
DIN
200 k:
2 k:
180 :
180 :
470 pF
470 pF
2 k:
VA
LM4040-2.5
1 uF
2 k:
+
ADC121S705
VREF
+IN
-IN
GND
VA
SCLK
DOUT
CSB
0.1 PF
4.7 PF
+ 1.0 PF to
4.7 PF
+
10 PF
+5V
Microcontroller
LM4040-2.5
5: to 10:
ADC121S705
www.ti.com
SNAS355B – DECEMBER 2006 – REVISED MARCH 2013
APPLICATION CIRCUITS
The following figures are examples of the ADC121S705 in typical application circuits. These circuits are basic
and will generally require modification for specific circumstances.
Data Acquisition
Figure 61 shows a basic low cost, low power data acquisition circuit. Maximum clock rate with a minimum
sample rate can reduce the power consumption further.
Figure 61. Low cost, low power Data Acquisition System
Pressure Sensor
Figure 62 shows an example of interfacing a pressure sensor to the ADC121S705. A digital-to-analog converter
(DAC) is used to bias the pressure sensor. The DAC081S101 provides a means for dynamically adjusting the
sensitivity of the sensor. A shunt reference voltage of 2.5V is used as the reference for the ADC121S705. The
ADC121S705, DAC081S101, and the LM4040 are all powered from the same voltage source.
Figure 62. Interfacing the ADC121S705 for a Pressure Sensor
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADC121S705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com